Electronic Components Datasheet Search |
|
TLV5604IPWR Datasheet(PDF) 6 Page - Texas Instruments |
|
|
TLV5604IPWR Datasheet(HTML) 6 Page - Texas Instruments |
6 / 31 page TLV5604 2.7-V TO 5.5-V 10-BIT 3- µS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN SLAS176B – DECEMBER 1997 – REVISED JULY 2002 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) (continued) analog output dynamic performance PARAMETER TEST CONDITIONS MIN TYP MAX UNIT SR Output slew rate CL = 100 pF, RL = 10 kΩ, VO 10% to 90% Fast 5 V/ µs SR Output slew rate VO = 10% to 90%, Vref = 2.048 V, 1024 V Slow 1 V/ µs t Output settling time To ± 0.5 LSB, CL = 100 pF, Fast 2.5 4 µs ts Output settling time , L , RL = 10 kΩ, See Notes 12 and 14 Slow 8.5 18 µs t () Output settling time code to code To ± 0.5 LSB, CL = 100 pF, Fast 1 µs ts(c) Output settling time, code to code , L , RL = 10 kΩ, See Note 13 Slow 2 µs Glitch energy Code transition from 7FF to 800 10 nV-sec SNR Signal-to-noise ratio Sinewave generated by DAC, R f l 1 024 3 V d 2 048 5 V 68 S/(N+D) Signal to noise + distortion Reference voltage = 1.024 at 3 V and 2.048 at 5 V, fs = 400 KSPS, 65 dB THD Total harmonic Distortion fs = 400 KSPS, fOUT = 1.1 kHz sinewave, CL = 100 pFRL =10kΩ –68 dB SFDR Spurious free dynamic range CL = 100 pF, RL = 10 kΩ, BW = 20 kHz 70 NOTES: 12. Settling time is the time for the output signal to remain within ± 0.5LSB of the final measured value for a digital input code change of 020 hex to 3FF hex or 3FF hex to 020 hex. 13. Settling time is the time for the output signal to remain within ± 0.5LSB of the final measured value for a digital input code change of one count, 1FF hex to 200 hex. 14. Limits are ensured by design and characterization, but are not production tested. |
Similar Part No. - TLV5604IPWR |
|
Similar Description - TLV5604IPWR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |