Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5624 Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV5624
Description  2.7-V TO 5.5-V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5624 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV5624_15 Datasheet HTML 2Page - Texas Instruments TLV5624_15 Datasheet HTML 3Page - Texas Instruments TLV5624_15 Datasheet HTML 4Page - Texas Instruments TLV5624_15 Datasheet HTML 5Page - Texas Instruments TLV5624_15 Datasheet HTML 6Page - Texas Instruments TLV5624_15 Datasheet HTML 7Page - Texas Instruments TLV5624_15 Datasheet HTML 8Page - Texas Instruments TLV5624_15 Datasheet HTML 9Page - Texas Instruments TLV5624_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
TLV5624
2.7V TO 5.5V LOW POWER 8BIT DIGITALTOANALOG
CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
SLAS235B − JULY 1999 − REVISED APRIL 2004
6
WWW.TI.COM
digital input timing requirements
MIN
NOM
MAX
UNIT
tsu(CS−FS)
Setup time, CS low before FS falling edge
10
ns
tsu(FS-CK)
Setup time, FS low before first negative SCLK edge
8
ns
tsu(C16-FS)
Setup time, 16th negative SCLK edge after FS low on which bit D0 is sampled before rising
edge of FS
10
ns
tsu(C16-CS)
Setup time, 16th positive SCLK edge (first positive after D0 is sampled) before CS rising
edge. If FS is used instead of 16th positive edge to update DAC, then setup time between
FS rising edge and CS rising edge.
10
ns
twH
SCLK pulse duration high
25
ns
twL
SCLK pulse duration low
25
ns
tsu(D)
Setup time, data ready before SCLK falling edge
8
ns
tH(D)
Hold time, data held valid after SCLK falling edge
5
ns
twH(FS)
FS pulse duration high
25
ns
PARAMETER MEASUREMENT INFORMATION
twL
SCLK
CS
DIN
FS
D15
D14
D13
D12
D1
D0
X
X
1
X
2
3
4
5 15
16
X
twH
tsu(D) th(D)
tsu(CS-FS)
twH(FS)
tsu(FS-CK)
tsu(C16-FS)
tsu(C16-CS)
Figure 1. Timing Diagram


Similar Part No. - TLV5624_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5624CD TI-TLV5624CD Datasheet
906Kb / 21P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 8-VIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5624CD TI1-TLV5624CD Datasheet
941Kb / 22P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5624CDG4 TI1-TLV5624CDG4 Datasheet
941Kb / 22P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5624CDGK TI1-TLV5624CDGK Datasheet
941Kb / 22P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5624CDGKG4 TI1-TLV5624CDGKG4 Datasheet
941Kb / 22P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
More results

Similar Description - TLV5624_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5624CDGK TI1-TLV5624CDGK Datasheet
941Kb / 22P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5624 TI-TLV5624 Datasheet
236Kb / 17P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5626CDR TI-TLV5626CDR Datasheet
430Kb / 19P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5626IDG4 TI-TLV5626IDG4 Datasheet
430Kb / 19P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5626 TI-TLV5626 Datasheet
226Kb / 16P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5624CD TI-TLV5624CD Datasheet
906Kb / 21P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 8-VIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5636 TI-TLV5636 Datasheet
260Kb / 18P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5636 TI-TLV5636_15 Datasheet
654Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V, LOW POWER, 12-BIT, DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5636CD TI-TLV5636CD Datasheet
633Kb / 22P
[Old version datasheet]   2.7-V TO 5.5-V, LOW POWER, 12-BIT, DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638 TI-TLV5638 Datasheet
289Kb / 19P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com