Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD122-1 Datasheet(PDF) 2 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BD122-1
Description  Low Capacitance and Insertion Loss
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BD122-1 Datasheet(HTML) 2 Page - Shenzhen Bencent Electronics Co., Ltd.

  BD122-1 Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BD122-1 Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BD122-1 Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
3
Gas
(1) B
(2) D
(3) “
Par
Rec
Pro
Env
Hi
Lo
Vib
Re
No
Sol
3
3 www.be
s Discharge
BD
(1)
Bencent Mult
DC Breakdow
“-1” is stand f
rt Numberin
commended
oduct Dimen
vironmental
T
igh Temperatu
ow Temperatu
bration
esistance of so
te: Up-screen
lderability t
Solde
ncent.com
Tube
122
-
(2)
ti-pole Arreste
wn Voltage, e
for dimension
ng System
d Soldering
nsions
l Reliability
Testing items
ure Storage T
ure Storage T
oldering heat
n program can
est
erability
m.cn
1
(3)
er Stack
e.g.,122=12×
ns of 8.3mm×
Pad
y Characteri
s
Test
Test
t
n be specified
So
102=1200V
×9.5mm×16.5
istics
Tempera
Time:2H
Tempera
Time:2H
Frequenc
Amplitu
Time:4
Tempera
Time of
d by customer
older Pot Tem
Solder Dwel
Customers sho
5mm
Pr
ature: 85℃
H
ature: -40℃
H
cy:10-500H
ude:0.15mm
45mins
ature: 260±5℃
dip soldering
r’s request via
mperature:
ll Time:
S
uld verify actua
Lead Mater
Body Mater
Terminal Fin
roduct Char
Techn
Hz
m
g:10s,1tim
a contacting B
REF
A
B
C
D
E
F
G
REF
A
B
C
Specifications a
al device perfor
O
rial
rial
nish
racteristics
nical standard
me
Bencent servi
245
4-6
mm
8±0.2
8.3±0.
8.3±0.
9.5±0.
3.2±0.
16.5±0
0.5±0.0
mm
23
4.1
8.5
are subject to ch
rmance in their
Order Code
Versi
Copp
Ceram
100% Matte-
ds
ice
℃±
5℃
seconds
2
.2
.2
.2
.2
0.5
05
BD122
hange without n
specific applic
e: BD122-
ion: A0 2013
per
mics
Tin Plated
inch
0.315±0.008
0.327±0.008
0.327±0.008
0.374±0.008
0.126±0.008
0.65±0.02
0.02±0.002
inch
0.906
0.161
0.335
2-1
notice.
ations
-1-01
-09-14
8
8
8
8
8


Similar Part No. - BD122-1

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
BD1222J50200A00 ANAREN-BD1222J50200A00 Datasheet
231Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 200廓 Balanced
BD1222J50200AHF ANAREN-BD1222J50200AHF Datasheet
185Kb / 5P
   Ultra Low Profile 0805 Balun
More results

Similar Description - BD122-1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Bencent Electr...
B3D230L-CD BENCENT-B3D230L-CD Datasheet
310Kb / 3P
   Low Capacitance and Insertion Loss
BA301N-D BENCENT-BA301N-D Datasheet
259Kb / 3P
   Low Capacitance and Insertion Loss
BC601N BENCENT-BC601N Datasheet
260Kb / 3P
   Low Capacitance and Insertion Loss
BF102M BENCENT-BF102M Datasheet
231Kb / 3P
   Low Capacitance and Insertion Loss
BF231M BENCENT-BF231M Datasheet
181Kb / 3P
   Low Capacitance and Insertion Loss
BM601M BENCENT-BM601M Datasheet
272Kb / 3P
   Low Capacitance and Insertion Loss
B3D350M-R BENCENT-B3D350M-R Datasheet
270Kb / 3P
   Low Capacitance and Insertion Loss
BF091M BENCENT-BF091M Datasheet
207Kb / 3P
   Low Capacitance and Insertion Loss
BF351M BENCENT-BF351M Datasheet
215Kb / 3P
   Low Capacitance and Insertion Loss
B3D1000L1-C BENCENT-B3D1000L1-C Datasheet
344Kb / 3P
   Low Capacitance and Insertion Loss
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com