Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEM7350L Datasheet(PDF) 4 Page - Chino-Excel Technology

Part # CEM7350L
Description  Dual Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology

CEM7350L Datasheet(HTML) 4 Page - Chino-Excel Technology

  CEM7350L Datasheet HTML 1Page - Chino-Excel Technology CEM7350L Datasheet HTML 2Page - Chino-Excel Technology CEM7350L Datasheet HTML 3Page - Chino-Excel Technology CEM7350L Datasheet HTML 4Page - Chino-Excel Technology CEM7350L Datasheet HTML 5Page - Chino-Excel Technology CEM7350L Datasheet HTML 6Page - Chino-Excel Technology CEM7350L Datasheet HTML 7Page - Chino-Excel Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CEM7350L
4
VDS, Drain-to-Source Voltage (V)
Figure 1. Output Characteristics
VGS, Gate-to-Source Voltage (V)
Figure 2. Transfer Characteristics
VDS, Drain-to-Source Voltage (V)
Figure 3. Capacitance
TJ, Junction Temperature( C)
Figure 4. On-Resistance Variation
with Temperature
2.1
1.8
1.5
1.2
0.9
0.6
0.3
VGS=10V
ID=1.3A
-100
-50
0
50
100
150
200
TJ, Junction Temperature( C)
Figure 5. Gate Threshold Variation
with Temperature
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
VDS=VGS
ID=250µA
-50 -25 0 25 50 75 100 125 150
VSD, Body Diode Forward Voltage (V)
Figure 6. Body Diode Forward Voltage
Variation with Source Current
0.4
0.6
0.8
1.0
10
0
10
-1
10
1
1.4
1.2
VGS=0V
5
4
3
2
1
0
0
2
4
5
3
1
TJ=125 C
-55 C
25 C
Ciss
Coss
Crss
600
500
400
300
200
100
0
0
5
10
15
20
25
N-CHANNEL
3.0
2.4
1.8
1.2
0.6
0
0
0.5
1.0
2.5
1.5
2.0
VGS=10,7,6,5,4,3V


Similar Part No. - CEM7350L

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
CEM7350L DOINGTER-CEM7350L Datasheet
2Mb / 7P
   N-Channel and P-Channel MOSFET use advanced trench Technology
logo
CET-MOS Technology Corp...
CEM7350L CET-MOS-CEM7350L Datasheet
808Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 1. 2012.May
More results

Similar Description - CEM7350L

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHM4600JPT CHENMKO-CHM4600JPT Datasheet
320Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
CHM8938JPT CHENMKO-CHM8938JPT Datasheet
320Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEH2609 CET-CEH2609 Datasheet
572Kb / 7P
   Dual Enhancement Mode Field Effect Transistor
CEM3109 CET-CEM3109 Datasheet
620Kb / 7P
   Dual Enhancement Mode Field Effect Transistor
CEM8958A CET-CEM8958A Datasheet
427Kb / 7P
   Dual Enhancement Mode Field Effect Transistor
logo
Chenmko Enterprise Co. ...
CHM8401JPT CHENMKO-CHM8401JPT Datasheet
320Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
CHM8958JPT CHENMKO-CHM8958JPT Datasheet
551Kb / 5P
   Dual Enhancement Mode Field Effect Transistor
CHM9939AJPT CHENMKO-CHM9939AJPT Datasheet
320Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
CHM11C2JPT CHENMKO-CHM11C2JPT Datasheet
321Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
CHM4532JPT CHENMKO-CHM4532JPT Datasheet
319Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
CHM4559JPT CHENMKO-CHM4559JPT Datasheet
320Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com