Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEM7808 Datasheet(PDF) 6 Page - Chino-Excel Technology

Part # CEM7808
Description  Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology

CEM7808 Datasheet(HTML) 6 Page - Chino-Excel Technology

  CEM7808 Datasheet HTML 1Page - Chino-Excel Technology CEM7808 Datasheet HTML 2Page - Chino-Excel Technology CEM7808 Datasheet HTML 3Page - Chino-Excel Technology CEM7808 Datasheet HTML 4Page - Chino-Excel Technology CEM7808 Datasheet HTML 5Page - Chino-Excel Technology CEM7808 Datasheet HTML 6Page - Chino-Excel Technology CEM7808 Datasheet HTML 7Page - Chino-Excel Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CEM7808
6
N-CHANNEL
Qg, Total Gate Charge (nC)
Figure 13. Gate Charge
VDS, Drain-Source Voltage (V)
Figure 14. Maximum Safe
Operating Area
P-CHANNEL
Qg, Total Gate Charge (nC)
Figure 15. Gate Charge
-VDS, Drain-Source Voltage (V)
Figure 16. Maximum Safe
Operating Area
10
2
10
2
10
1
10
0
10
-1
10
-2
10
1
10
0
10
-1
10
-2 Single Pulse
TA=25 C
TJ=150 C
RDS(ON)Limit
1s
100ms
10ms
DC
10
0
3.5
7.0
10.5
14.0
8
6
4
2
0
VDS=-15V
ID=-5A
10
2
10
1
10
0
10
-1
10
-2
10
2
10
1
10
0
10
-1
10
-2
Single Pulse
TA=25 C
TJ=150 C
RDS(ON)Limit
1s
100ms
DC
1ms
0
2
4
6
10
8
10
0
8
6
4
2
VDS=15V
ID=5A


Similar Part No. - CEM7808

ManufacturerPart #DatasheetDescription
logo
CET-MOS Technology Corp...
CEM7808 CET-MOS-CEM7808 Datasheet
1Mb / 7P
   Enhancement Mode Field Effect Transistor (2 X N and 2 X P Channel)
Rev 2. 2012.Sep
More results

Similar Description - CEM7808

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT3419 UTC-UT3419_15 Datasheet
204Kb / 4P
   ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
ATMEL Corporation
AO4603 ATMEL-AO4603 Datasheet
144Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4601 AOSMD-AO4601 Datasheet
306Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO7600 AOSMD-AO7600 Datasheet
145Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4624 AOSMD-AO4624_09 Datasheet
260Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com