Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6X1008C2D-GF55 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K6X1008C2D-GF55
Description  128Kx8 bit Low Power CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6X1008C2D-GF55 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K6X1008C2D-GF55 Datasheet HTML 2Page - Samsung semiconductor K6X1008C2D-GF55 Datasheet HTML 3Page - Samsung semiconductor K6X1008C2D-GF55 Datasheet HTML 4Page - Samsung semiconductor K6X1008C2D-GF55 Datasheet HTML 5Page - Samsung semiconductor K6X1008C2D-GF55 Datasheet HTML 6Page - Samsung semiconductor K6X1008C2D-GF55 Datasheet HTML 7Page - Samsung semiconductor K6X1008C2D-GF55 Datasheet HTML 8Page - Samsung semiconductor K6X1008C2D-GF55 Datasheet HTML 9Page - Samsung semiconductor K6X1008C2D-GF55 Datasheet HTML 10Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
CMOS SRAM
K6X1008C2D Family
Revision 1.0
September 2003
10
32 PIN THIN SMALL OUTLINE PACKAGE TYPE I (0820F)
#32
1.00
±0.10
0.039
±0.004
MAX
8.40
0.331
#1
0.50
(
)
0.020
18.40
±0.10
0.724
±0.004
0.45 ~0.75
0.018 ~0.030
20.00
±0.20
0.787
±0.008
#17
+0.10
0.15
-0.05
+0.004
0.006
-0.002
0~8
°
+0.10
0.20
-0.05
+0.004
0.008
-0.002
0.50
0.0197
0.25
(
)
0.010
MIN
0.05
0.002
MAX
1.20
0.047
TYP
0.25
0.010
#16
PACKAGE DIMENSIONS
Units: millimeters(inches)


Similar Part No. - K6X1008C2D-GF55

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6X1008T2D SAMSUNG-K6X1008T2D Datasheet
153Kb / 9P
   128Kx8 bit Low Power CMOS Static RAM
K6X1008T2D-B SAMSUNG-K6X1008T2D-B Datasheet
153Kb / 9P
   128Kx8 bit Low Power CMOS Static RAM
K6X1008T2D-BB551 SAMSUNG-K6X1008T2D-BB551 Datasheet
153Kb / 9P
   128Kx8 bit Low Power CMOS Static RAM
K6X1008T2D-BB70 SAMSUNG-K6X1008T2D-BB70 Datasheet
153Kb / 9P
   128Kx8 bit Low Power CMOS Static RAM
K6X1008T2D-BB85 SAMSUNG-K6X1008T2D-BB85 Datasheet
153Kb / 9P
   128Kx8 bit Low Power CMOS Static RAM
More results

Similar Description - K6X1008C2D-GF55

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T1008C2E SAMSUNG-K6T1008C2E Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6T1008C2E-TF70T00 SAMSUNG-K6T1008C2E-TF70T00 Datasheet
193Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6X1008T2D SAMSUNG-K6X1008T2D Datasheet
153Kb / 9P
   128Kx8 bit Low Power CMOS Static RAM
KM681000E SAMSUNG-KM681000E Datasheet
123Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6F1008V2C SAMSUNG-K6F1008V2C Datasheet
126Kb / 9P
   128Kx8 bit Super Low Power and Low Voltage CMOS Static RAM
logo
List of Unclassifed Man...
EM128L08 ETC1-EM128L08 Datasheet
42Kb / 7P
   128Kx8 Bit Ultra-Low Power Asynchronous Static RAM
EM128C08 ETC1-EM128C08 Datasheet
61Kb / 7P
   128Kx8 Bit Ultra-Low Power Asynchronous Static RAM
logo
Samsung semiconductor
K6R1008V1C-TI15 SAMSUNG-K6R1008V1C-TI15 Datasheet
140Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(3.3V Operating).
logo
List of Unclassifed Man...
T68K1M ETC2-T68K1M Datasheet
146Kb / 14P
   Low Power 1M (128Kx8)-Bits Static RAM
logo
Samsung semiconductor
KM684000C SAMSUNG-KM684000C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com