Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP75BIDR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP75BIDR
Description  TMP75B 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP75BIDR Datasheet(HTML) 1 Page - Texas Instruments

  TMP75BIDR Datasheet HTML 1Page - Texas Instruments TMP75BIDR Datasheet HTML 2Page - Texas Instruments TMP75BIDR Datasheet HTML 3Page - Texas Instruments TMP75BIDR Datasheet HTML 4Page - Texas Instruments TMP75BIDR Datasheet HTML 5Page - Texas Instruments TMP75BIDR Datasheet HTML 6Page - Texas Instruments TMP75BIDR Datasheet HTML 7Page - Texas Instruments TMP75BIDR Datasheet HTML 8Page - Texas Instruments TMP75BIDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
±3
±2
±1
0
1
2
3
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
Mean
Mean - 6
Mean + 6
C005
A2
SDA
SCL
GND
ALERT
2
6
8
7
1
A1
A0
VS
4
3
5
0.01 2F
Two-Wire
Host Controller
TMP75B
1.4 V to 3.6 V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TMP75B
SBOS706B – APRIL 2014 – REVISED AUGUST 2014
TMP75B 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
1 Features
3 Description
The TMP75B is an integrated digital temperature
1
Low-Voltage Alternative to LM75 and TMP75
sensor with a 12-bit analog-to-digital converter (ADC)
Digital Output with Standard Two-Wire Serial
that can operate at a 1.8-V supply, and is pin and
Interface
register compatible with the industry-standard LM75
Up to 8 Pin-Programmable Bus Addresses
and TMP75. This device is available in SOIC-8 and
VSSOP-8
packages,
and
requires
no
external
Overtemperature ALERT Pin with Programmable
components to sense the temperature. The TMP75B
Trip Values
is capable of reading temperatures with a resolution
Shutdown Mode for Battery Power Saving
of 0.0625°C and is specified over a temperature
One-Shot Conversion Mode for Custom Update
range of –55°C to +125°C.
Rates
The TMP75B features SMBus and two-wire interface
Operating Temperature Range: –55°C to +125°C
compatibility, and allows up to eight devices on the
same bus with the SMBus overtemperature alert
Operating Supply Range: 1.4 V to 3.6 V
function. The programmable temperature limits and
Quiescent Current:
the ALERT pin allow the sensor to operate as a
45
μA Active (typ)
stand-alone thermostat, or an overtemperature alarm
0.3
μA Shutdown (typ)
for power throttling or system shutdown.
Accuracy:
The factory-calibrated temperature accuracy and the
noise-immune digital interface make the TMP75B the
±0.5°C (typ) from –20°C to +85°C
preferred solution for temperature compensation of
±1°C (typ) from –55°C to +125°C
other sensors and electronic components, without the
Resolution: 12 Bits (0.0625°C)
need
for
additional
system-level
calibration
or
Packages: SOIC-8 and VSSOP-8
elaborate board layout for distributed temperature
sensing.
2 Applications
The TMP75B is ideal for thermal management and
protection of a variety of consumer, computer,
Server and Computer Thermal Management
communication,
industrial,
and
environmental
Telecommunication Equipment
applications.
Office Machines
Video Game Consoles
Device Information(1)
Set-Top Boxes
DEVICE NAME
PACKAGE
BODY SIZE (NOM)
SOIC (8)
4.90 mm × 3.90 mm
Power Supply and Battery Thermal Protection
TMP75B
VSSOP (8)
3.00 mm × 3.00 mm
Thermostat Control
(1) For all available packages, see the package option addendum
Environmental Monitoring and HVAC
at the end of the datasheet.
Electrical Motor Driver Thermal Protection
Temperature Accuracy (Error) vs Ambient
Simplified Schematic
Temperature
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMP75BIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP75B-Q1 TI-TMP75B-Q1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75BQDGKRQ1 TI-TMP75BQDGKRQ1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75BQDGKTQ1 TI-TMP75BQDGKTQ1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75BQDQ1 TI-TMP75BQDQ1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75BQDRQ1 TI-TMP75BQDRQ1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
More results

Similar Description - TMP75BIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP75B-Q1 TI-TMP75B-Q1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75C TI-TMP75C Datasheet
980Kb / 31P
[Old version datasheet]   TMP75C 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75C-Q1 TI1-TMP75C-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TMP75C-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP175 TI-TMP175 Datasheet
295Kb / 13P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
Burr-Brown (TI)
TMP106 BURR-BROWN-TMP106 Datasheet
265Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com