Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP75BQDQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMP75BQDQ1
Description  TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP75BQDQ1 Datasheet(HTML) 4 Page - Texas Instruments

  TMP75BQDQ1 Datasheet HTML 1Page - Texas Instruments TMP75BQDQ1 Datasheet HTML 2Page - Texas Instruments TMP75BQDQ1 Datasheet HTML 3Page - Texas Instruments TMP75BQDQ1 Datasheet HTML 4Page - Texas Instruments TMP75BQDQ1 Datasheet HTML 5Page - Texas Instruments TMP75BQDQ1 Datasheet HTML 6Page - Texas Instruments TMP75BQDQ1 Datasheet HTML 7Page - Texas Instruments TMP75BQDQ1 Datasheet HTML 8Page - Texas Instruments TMP75BQDQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
TMP75B-Q1
SBOS721 – OCTOBER 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, VS
4
V
SDA, SCL, ALERT, A2, A1
–0.3
4
V
Input voltage
A0
–0.3
(VS) + 0.3
V
Sink current
SDA, ALERT
10
mA
Operating junction temperature
–55
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–60
150
°C
Human body model (HBM), per AEC Q100-002(1)
–2000
2000
Corner pins (1, 4, 5,
V(ESD)
Electrostatic discharge
–1000
1000
V
Charged device model (CDM), per
and 8)
AEC Q100-011
Other pins
–1000
1000
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage
1.4
1.8
3.6
V
Operating free-air temperature, TA
–40
125
°C
6.4 Thermal Information
TMP75B-Q1
THERMAL METRIC(1)
D (SOIC)
DGK (VSSOP)
UNIT
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
125.4
188.1
RθJC(top)
Junction-to-case (top) thermal resistance
71.5
79.1
RθJB
Junction-to-board thermal resistance
65.8
109.6
°C/W
ψJT
Junction-to-top characterization parameter
21.1
15.3
ψJB
Junction-to-board characterization parameter
65.3
108
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TMP75B-Q1


Similar Part No. - TMP75BQDQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP75B TI-TMP75B Datasheet
989Kb / 31P
[Old version datasheet]   TMP75B 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75B-Q1 TI-TMP75B-Q1 Datasheet
989Kb / 31P
[Old version datasheet]   TMP75B 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75BID TI-TMP75BID Datasheet
989Kb / 31P
[Old version datasheet]   TMP75B 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75BIDGKR TI-TMP75BIDGKR Datasheet
989Kb / 31P
[Old version datasheet]   TMP75B 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75BIDGKT TI-TMP75BIDGKT Datasheet
989Kb / 31P
[Old version datasheet]   TMP75B 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
More results

Similar Description - TMP75BQDQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP75B TI-TMP75B Datasheet
989Kb / 31P
[Old version datasheet]   TMP75B 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75C-Q1 TI1-TMP75C-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TMP75C-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75C TI-TMP75C Datasheet
980Kb / 31P
[Old version datasheet]   TMP75C 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP175 TI-TMP175 Datasheet
295Kb / 13P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
Burr-Brown (TI)
TMP106 BURR-BROWN-TMP106 Datasheet
265Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com