Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP105 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMP105
Description  Digital Temperature Sensor with Two-Wire Interface
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP105 Datasheet(HTML) 2 Page - Texas Instruments

  TMP105_15 Datasheet HTML 1Page - Texas Instruments TMP105_15 Datasheet HTML 2Page - Texas Instruments TMP105_15 Datasheet HTML 3Page - Texas Instruments TMP105_15 Datasheet HTML 4Page - Texas Instruments TMP105_15 Datasheet HTML 5Page - Texas Instruments TMP105_15 Datasheet HTML 6Page - Texas Instruments TMP105_15 Datasheet HTML 7Page - Texas Instruments TMP105_15 Datasheet HTML 8Page - Texas Instruments TMP105_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
A1
B1
C1
A2
B2
C2
SDA
SCL
V+
GND
ALERT
A0
WCSP-6PACKAGE
(TOPVIEW)
Note:Pin1isdeterminedbyorientingthepackagemarkingasindicatedinthediagram.
(BumpSideDown)
TMP105
SLLS648D
– FEBRUARY 2005 – REVISED SEPTEMBER 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PACKAGE
PART NUMBER
SYMBOL
Wafer chip-scale package (YZC)
TMP105YZC
EY
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the
product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Power Supply, V+
7.0V
Input Voltage(2)
–0.5V to 7.0V
Input Current
10mA
Operating Temperature Range
–55°C to +127°C
Storage Temperature Range
–60°C to +130°C
Junction Temperature (TJ max)
+150
°C
ESD Rating:
Human Body Model (HBM)(3)
2000V
Charged-Device Model (CDM)(4)
500V
Machine Model (MM)(5)
200V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
Input voltage rating applies to all TMP105 input voltages.
(3)
HBM testing has been tested to TI specifications JEDEC JESD22-A114C.01.
(4)
CDM testing has been tested to TI specifications JEDEC EIA/JESD22-A115A.
(5)
MM testing has been tested to TI specifications JEDEC JESD22-C101C.
PIN ASSIGNMENTS
2
Submit Documentation Feedback
Copyright
© 2005–2011, Texas Instruments Incorporated
Product Folder Link(s): TMP105


Similar Part No. - TMP105_15

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMP105-15 TRUMPOWER-TMP105-15 Datasheet
161Kb / 2P
   90-105 Watts Medical & ITE Power Adapters
More results

Similar Description - TMP105_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP175 TI-TMP175 Datasheet
295Kb / 13P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
Burr-Brown (TI)
TMP106 BURR-BROWN-TMP106 Datasheet
265Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
TMP105 BURR-BROWN-TMP105 Datasheet
263Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM84 TI-LM84_15 Datasheet
169Kb / 18P
[Old version datasheet]   Diode Input Digital Temperature Sensor with Two-Wire Interface
logo
OKI electronic componet...
LM91 OKI-LM91 Datasheet
193Kb / 14P
   Diode Input Digital Temperature Sensor with Two-Wire Interface
logo
National Semiconductor ...
LM84 NSC-LM84 Datasheet
168Kb / 16P
   Diode Input Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com