Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK672-543-E Datasheet(PDF) 2 Page - ON Semiconductor

Part # STK672-543-E
Description  2-phase Stepping Motor Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK672-543-E Datasheet(HTML) 2 Page - ON Semiconductor

  STK672-543-E Datasheet HTML 1Page - ON Semiconductor STK672-543-E Datasheet HTML 2Page - ON Semiconductor STK672-543-E Datasheet HTML 3Page - ON Semiconductor STK672-543-E Datasheet HTML 4Page - ON Semiconductor STK672-543-E Datasheet HTML 5Page - ON Semiconductor STK672-543-E Datasheet HTML 6Page - ON Semiconductor STK672-543-E Datasheet HTML 7Page - ON Semiconductor STK672-543-E Datasheet HTML 8Page - ON Semiconductor STK672-543-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
STK672-543-E
No. A2113-2/22
Specifications
Absolute Maximum Ratings at Tc = 25
°C
Parameter
Symbol
Conditions
Ratings
unit
Maximum supply voltage 1
VCC max
No signal
52
V
Maximum supply voltage 2
VDD max
No signal
-0.3 to +7.0
V
Input voltage
VIN max
Logic input pins
-0.3 to +7.0
V
Output current 1
IOP max
10
μA 1 pulse (resistance load)
10
A
Output current 2
IOH max
VDD=5V, CLOCK≥200Hz
4
A
Allowable power dissipation
Pd max
With an arbitrarily large heat sink. Per MOSFET
13.3
W
Operating substrate temperature
Tc max
105
°C
Junction temperature
Tj max
150
°C
Storage temperature
Tstg
-40 to +125
°C
Allowable Operating Ranges at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
unit
Operating supply voltage 1
VCC
With signals applied
10 to 42
V
Operating supply voltage 2
VDD
With signals applied
5
±5%
V
Input high voltage
VIH
Pins 8, 9, 10, 11, 12
2.5 to VDD
V
Input low voltage
VIL
Pins 8, 9, 10, 11, 12
0 to 0.6
V
Output current 1
IOH1
Tc=105
°C, CLOCK≥200Hz,
Continuous operation, duty=100%
3.0
A
Output current 2
IOH2
Tc=80
°C, CLOCK≥200Hz,
Continuous operation, duty=100%,
See the motor current (IOH) derating curve
3.3
A
CLOCK frequency
fCL
Minimum pulse width: at least 10
μs
0 to 50
kHz
Phase driver withstand voltage
VDSS
ID=1mA (Tc=25°C)
100min
V
Recommended operating
substrate temperature
Tc
No condensation
0 to 105
°C
Recommended Vref range
Vref
Tc=105
°C
0.14 to 1.62
V
Input rise and fall slew rate
tr/tf
2.6max
V
Refer to the graph for each conduction-period tolerance range for the output current and brake current.
Electrical Characteristics at Tc=25
°C, VCC=24V, VDD=5.0V
Parameter
Symbol
Conditions
min
typ
max
unit
VDD supply current
ICCO
Pin 6 current CLOCK=GND
3.1
7
mA
Output average current
Ioave
R/L=3
Ω/3.8mH in each phase
0.52
0.58
0.64
A
FET diode forward voltage
Vdf
If=1A (RL=23Ω)
1.0
1.6
V
Output saturation voltage
Vsat
RL=23Ω
0.28
0.40
V
Input high voltage
VIH
Pins 8, 9, 10, 11, 12
2.5
V
Input low voltage
VIL
Pins 8, 9, 10, 11, 12
0.6
V
Input leak current
IIL
Pins 8, 9, 10, 11, 12=GND and 5V
±10
μA
Vref input bias current
IIB
Pin 7 =1.0V
204
216
μA
PWM frequency
fc
35
45
55
kHz
Notes: A fixed-voltage power supply must be used.
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Similar Part No. - STK672-543-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-543-E SANYO-STK672-543-E Datasheet
133Kb / 22P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results

Similar Description - STK672-543-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-523-E ONSEMI-STK672-523-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK682-010-E ONSEMI-STK682-010-E Datasheet
539Kb / 20P
   2-phase Stepping Motor Driver
December, 2013
STK672-120-SL-E ONSEMI-STK672-120-SL-E Datasheet
174Kb / 11P
   2-phase Stepping Motor Driver
June, 2013
STK672-410C-E ONSEMI-STK672-410C-E Datasheet
134Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-533-E ONSEMI-STK672-533-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK672-612B-E ONSEMI-STK672-612B-E Datasheet
244Kb / 26P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com