Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WPB4001 Datasheet(PDF) 1 Page - ON Semiconductor

Part # WPB4001
Description  N-Channel Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

WPB4001 Datasheet(HTML) 1 Page - ON Semiconductor

  WPB4001 Datasheet HTML 1Page - ON Semiconductor WPB4001 Datasheet HTML 2Page - ON Semiconductor WPB4001 Datasheet HTML 3Page - ON Semiconductor WPB4001 Datasheet HTML 4Page - ON Semiconductor WPB4001 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
91813 TKIM TC-00002976 No. A2212-1/5
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
September, 2013
WPB4001
N-Channel Power MOSFET
500V, 26A, 0.26
Ω, TO-3P-3L
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Features
ON-resistance RDS(on)=0.2
Ω (typ.)
Input capacitance Ciss=2250pF (typ.)
10V Drive
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain to Source Voltage
VDSS
500
V
Gate to Source Voltage
VGSS
±30
V
Drain Current (DC)
ID
26
A
Drain Current (Pulse)
IDP
PW≤10μs, duty cycle≤1%
90
A
Source to Drain Diode Forward Current (DC)
ISD
26
A
Source to Drain Diode Forward Current (Pulse)
ISDP
PW≤10μs, duty cycle≤1%
90
A
Allowable Power Dissipation
PD
2.5
W
Tc=25°C
220
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Avalanche Energy (Single Pulse) *1
EAS
543
mJ
Avalanche Current *2
IAV
14
A
Note :
*1 VDD=50V, L=5mH, IAV=14A (Fig.1)
*2 L≤5mH, single pulse
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Drain to Source Breakdown Voltage
V(BR)DSS
ID=10mA, VGS=0V
500
V
Zero-Gate Voltage Drain Current
IDSS
VDS=400V, VGS=0V
100
μA
Gate to Source Leakage Current
IGSS
VGS=±30V, VDS=0V
±100
nA
Cutoff Voltage
VGS(off)
VDS=10V, ID=1mA
35
V
Forward Transfer Admittance
| yfs |
VDS=10V, ID=13A
7.5
15.5
S
Static Drain to Source On-State Resistance
RDS(on)
ID=13A, VGS=10V
0.20
0.26
Ω
Input Capacitance
Ciss
VDS=30V, f=1MHz
2250
pF
Output Capacitance
Coss
450
pF
Reverse Transfer Capacitance
Crss
90
pF
Turn-ON Delay Time
td(on)
See Fig.2
44
ns
Rise Time
tr
156
ns
Turn-OFF Delay Time
td(off)
224
ns
Fall Time
tf
94
ns
Total Gate Charge
Qg
VDS=200V, VGS=10V, ID=26A
87
nC
Gate to Source Charge
Qgs
15.2
nC
Gate to Drain “Miller” Charge
Qgd
50
nC
Diode Forward Voltage
VSD
IS=26A, VGS=0V
1.1
1.5
V
Reverse Recovery Time
trr
See Fig.3
ISD=26A, VGS=0V, di/dt=100A/μs
115
ns
Reverse Recovery Charge
Qrr
340
nC
Ordering number : ENA2212
ORDERING INFORMATION
See detailed ordering and shipping information on page 4 of this data sheet.
TO-3P-3L


Similar Part No. - WPB4001

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
WPB4002 SANYO-WPB4002 Datasheet
311Kb / 5P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
WPB4002 ONSEMI-WPB4002 Datasheet
257Kb / 5P
   8-bit Withstand Voltage Microcontroller
WPB4002-1E ONSEMI-WPB4002-1E Datasheet
257Kb / 5P
   8-bit Withstand Voltage Microcontroller
More results

Similar Description - WPB4001

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com