Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCE3404Y Datasheet(PDF) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE3404Y
Description  NCE N-Channel Enhancement Mode Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE3404Y Datasheet(HTML) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE3404Y Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE3404Y Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE3404Y Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE3404Y Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE3404Y Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE3404Y Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE3404Y Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Wuxi NCE Power Semiconductor Co., Ltd
Page
v1.0
1
NCE3404Y
Pb Free Product
http://www.ncepower.com
NCE N-Channel Enhancement Mode Power MOSFET
Description
The NCE3404Y uses advanced trench technology to provide
excellent RDS(ON) and low gate charge.This device is suitable
for use as a load switch and PWM applications.
Genera Features
VDS = 30V,ID = 5.8A
RDS(ON) < 28mΩ @ VGS=10V
RDS(ON) < 40mΩ @ VGS=4.5V
High Power and current handing capability
Lead free product is acquired
Surface mount package
Application
Load switch
PWM application
D
G
S
Schematic diagram
Markin
nment
g and pin assig
SOT-23-3L top view
P
ing a
derin
ackage Mark
nd Or
g Information
Devi
ing
De
e
Ta
h
ce Mark
Device
vice Packag
Reel Size
pe widt
Quantity
3404Y
NCE3404Y
SOT-23-3L
Ø180mm
8 mm
3000 units
Absolute Maximum Ratings (T =25℃unless otherwise noted)
A
Parameter
Sy b l
m o
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
5.8
A
Drain Current-Pulsed
(Note 1)
IDM
20
A
Maximum Power Dissipation
PD
1.4
W
Operating Junction and Storage Temperature Range
J
STG
-55 To 150
T ,T
Thermal Characteristic
(Note )
Thermal Resistance,Junction-to-Ambient
2
RθJA
89
/W
Electrical Characteristics (T =25℃unless otherwis
A
e noted)
Condition
Parameter
Symbol
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDS
V
250
33
S
GS=0V ID=
μA
30
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=30V,VGS=0V
-
-
1
μA


Similar Part No. - NCE3404Y

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NCE3404Y VBSEMI-NCE3404Y Datasheet
483Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - NCE3404Y

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE3008M NCEPOWER-NCE3008M Datasheet
273Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE0128D NCEPOWER-NCE0128D Datasheet
326Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE3080K NCEPOWER-NCE3080K Datasheet
355Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE55H11 NCEPOWER-NCE55H11 Datasheet
376Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE75H21T NCEPOWER-NCE75H21T Datasheet
354Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE2302 NCEPOWER-NCE2302 Datasheet
306Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE0160S NCEPOWER-NCE0160S Datasheet
401Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE8050 NCEPOWER-NCE8050 Datasheet
358Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE8205 NCEPOWER-NCE8205_14 Datasheet
449Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE8580 NCEPOWER-NCE8580 Datasheet
349Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE8580D NCEPOWER-NCE8580D Datasheet
359Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com