Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5336-KS Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5336-KS
Description  16-Bit, Stereo A/D Converters for Digital Audio
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5336-KS Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5336-KS Datasheet HTML 2Page - Cirrus Logic CS5336-KS Datasheet HTML 3Page - Cirrus Logic CS5336-KS Datasheet HTML 4Page - Cirrus Logic CS5336-KS Datasheet HTML 5Page - Cirrus Logic CS5336-KS Datasheet HTML 6Page - Cirrus Logic CS5336-KS Datasheet HTML 7Page - Cirrus Logic CS5336-KS Datasheet HTML 8Page - Cirrus Logic CS5336-KS Datasheet HTML 9Page - Cirrus Logic CS5336-KS Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Audio
Data
Processor
CS5336
VREF
AINL
AINR
ZEROL
ZEROR
AGND
NC
NC
VA+
VA-
VL+
VD+
APD
DPD
ACAL
DCAL
TST
LGND
DGND
28
2
27
3
26
1
8
22
524
19
6
10
7
9
11
425
18
+5V Analog
0.1
µF
+
1
µF
0.1
µF
Control
0.1
µF
1
µF
-5V Analog
10 nF
10 nF
0.1
µF
Left Analog Input
Right Analog Input
A/D CONVERTER
10
µF
+
0.1
µF
1
µF
+
+
Ferrite Bead
51
51
51
VA+
SCLK
14
15
L/R
SDATA
16
CS5338
CS5339
Ferrite bead may
be used if VD+ is
+5V Digital
Power Down
& Calibrate
Mode
Settings
SMODE
CMODE
13
12
Timing
Logic
FSYNC
17
& Clock
ICLKD
20
21
23
OCLKD
ICLKA
derived from VA+.
An example ferrite
bead is Permag
VK200-2.5/52
If used, do not drive
any other logic
from VD+.
Figure 1. Typical Connection Diagram
RECOMMENDED OPERATING CONDITIONS
(AGND, LGND, DGND = 0V; all voltages with respect to ground)
DC Power Supplies:
V
Parameter
Symbol
Min
Typ
Max
Units
Positive Digital
Positive Logic
Positive Analog
Negative Analog
V
V
V
VD+
VL+
VA+
VA-
4.75
4.75
Analog Input Voltage
3.68
3.68
-
V
V AIN
4.75
4.75
_
5.0
5.0
5.0
5.0
_
5.25
5.25
_
VA+
_
(Note 7)
VA+
Notes:
7. The ADCs accept input voltages up to the analog supplies (VA+, VA-). They will produce a positive
full-scale output for inputs above 3.68 V and negative full-scale output for inputs below -3.68 V. These
values are subject to the gain error tolerance specification. Additional tag bits are output to indicate
the amount of overdrive.
CS5336, CS5338, CS5339
3-44
DS23F1


Similar Part No. - CS5336-KS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5336 CIRRUS-CS5336 Datasheet
816Kb / 34P
   16-Bit, Stereo A/D Converters for Digital Audio
AUG 93
CS5336 CIRRUS-CS5336_V01 Datasheet
816Kb / 34P
   16-Bit, Stereo A/D Converters for Digital Audio
AUG 93
More results

Similar Description - CS5336-KS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5336 CIRRUS-CS5336_V01 Datasheet
816Kb / 34P
   16-Bit, Stereo A/D Converters for Digital Audio
AUG 93
CS5326 CIRRUS-CS5326 Datasheet
688Kb / 19P
   16 & 18-Bit, Stereo A/D Converters for Digital Audio
MAR 92
CS5126 CIRRUS-CS5126 Datasheet
394Kb / 32P
   16-Bit Stereo A/D Converter for Digital Audio
CS4328 CIRRUS-CS4328 Datasheet
831Kb / 31P
   18-Bit, Stereo D/A Converter for Digital Audio
OCT 1993
CS5334 CIRRUS-CS5334 Datasheet
437Kb / 20P
   20-Bit, Stereo A/D Converter for Digital Audio
CS4329 CIRRUS-CS4329 Datasheet
1Mb / 36P
   20-Bit, Stereo D/A Converter for Digital Audio
CS4390 CIRRUS-CS4390 Datasheet
629Kb / 22P
   24-Bit, Stereo D/A Converter for Digital Audio
CS5360 CIRRUS-CS5360 Datasheet
546Kb / 22P
   24-Bit Stereo A/D Converter for Digital Audio
logo
Rohm
BU9480F ROHM-BU9480F Datasheet
56Kb / 5P
   16-bit stereo D / A converter for audio applications
logo
Sanyo Semicon Device
LC78850 SANYO-LC78850 Datasheet
166Kb / 8P
   Two-channel,16- and 18-bit D/A Converters for Digital Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com