Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N137 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # 6N137
Description  Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

6N137 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  6N137 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 6N137 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 6N137 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 6N137 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 6N137 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 6N137 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 6N137 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 6N137 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 6N137 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CAUTION: The small device geometries inherent to the design of this bipolar component increase the component's
susceptibility to damage from electrostatic discharge (ESD). It is advised that normal static precautions be taken
in handling and assembly of this component to prevent damage and/or degradation which may be induced by
ESD.
Small Outline, 5 Lead, High
CMR, High Speed, Logic Gate
Optocouplers
Technical Data
HCPL-M600
HCPL-M601
HCPL-M611
Description
These small outline high CMR,
high speed, logic gate optocoup-
lers are single channel devices in
a five lead miniature footprint.
They are electrically equivalent to
the following Agilent
optocouplers (except there is no
output enable feature):
SO-5 Package
Standard DIP
SO-8 Package
HCPL-M600
6N137
HCPL-0600
HCPL-M601
HCPL-2601
HCPL-0601
HCPL-M611
HCPL-2611
HCPL-0611
The SO-5 JEDEC registered (MO-
155) package outline does not
require “through holes” in a PCB.
This package occupies
approximately one fourth the
footprint area of the standard
dual-in-line package. The lead
profile is designed to be com-
patible with standard surface
mount processes.
The HCPL-M600/01/11 optically
coupled gates combine a GaAsP
light emitting diode and an
integrated high gain photon
detector. The output of the
detector I.C. is an Open-collector
Schottky-clamped transistor. The
internal shield provides a
guaranteed common mode
transient immunity specification of
5,000 V/
µs for the HCPL-M601,
and 10,000 V/
µs for the HCPL-
M611.
This unique design provides
maximum ac and dc circuit
isolation while achieving TTL
compatibility. The optocoupler ac
and dc operational parameters are
guaranteed from -40
°Cto85°C
allowing trouble free system
performance.
Features
•SurfaceMountable
• Very Small, Low Profile
JEDECRegisteredPackage
Outline
• Compatible with Infrared
VaporPhaseReflowand
WaveSolderingProcesses
• Internal Shield for High
CommonModeRejection
(CMR)
HCPL-M601: 10,000 V/
µsat
VCM = 50 V
HCPL-M611: 15,000 V/
µsat
VCM = 1000 V
• High Speed: 10 Mbd
•LSTTL/TTLCompatible
• Low Input Current
Capability: 5 mA
• Guaranteed ac and dc
Performanceover
Temperature: -40
°Cto85°C
•Recognizedunderthe
Component Program of U.L.
(File No. E55361) for
DielectricWithstandProof
Test Voltage of 2500 Vac, 1
Minute


Similar Part No. - 6N137

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
6N137 TOSHIBA-6N137 Datasheet
328Kb / 7P
   IRED & PHOTO IC (DEGITAL LOGIC ISOLATION, TELE-COMMUNICATION, ANALOG DATA EQUIPMENT CONTROL)
logo
Vishay Siliconix
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Everlight Electronics C...
6N137 EVERLIGHT-6N137 Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
More results

Similar Description - 6N137

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M611-500E AVAGO-HCPL-M611-500E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M611 AVAGO-HCPL-M611 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M600 AVAGO-HCPL-M600 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601-000E AVAGO-HCPL-M601-000E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601-500E AVAGO-HCPL-M601-500E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M600500 AVAGO-HCPL-M600500 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
ACPL-M60L BOARDCOM-ACPL-M60L Datasheet
762Kb / 14P
   Small Outline, 5 Leads, High CMR, High-Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M60L-000E AVAGO-ACPL-M60L-000E Datasheet
237Kb / 11P
   Small Outline, 5 Leads, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M453-000E AVAGO-HCPL-M453-000E Datasheet
152Kb / 9P
   Small Outline, 5 Lead, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-M452 HP-HCPL-M452 Datasheet
89Kb / 8P
   Small Outline, 5 Lead, High Speed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com