Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM95172-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM95172-Q1
Description  13-Bit to 16-Bit 200째C Digital Temp Sensor with 3-Wire Interface
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95172-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM95172-Q1 Datasheet HTML 5Page - Texas Instruments LM95172-Q1 Datasheet HTML 6Page - Texas Instruments LM95172-Q1 Datasheet HTML 7Page - Texas Instruments LM95172-Q1 Datasheet HTML 8Page - Texas Instruments LM95172-Q1 Datasheet HTML 9Page - Texas Instruments LM95172-Q1 Datasheet HTML 10Page - Texas Instruments LM95172-Q1 Datasheet HTML 11Page - Texas Instruments LM95172-Q1 Datasheet HTML 12Page - Texas Instruments LM95172-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LM95172
www.ti.com
SNOSB33B – DECEMBER 2009 – REVISED MARCH 2013
Power-Up Sequence
WARNING
In all cases listed below the VDD ANALOG waveform must not lag the VDD
IOwaveform
Linear Power-up In the case where the VDD ANALOG and VDD IO voltage-vs.-time function is linear, the specified
minimum operating voltage must be reached in 5 ms or less.
Resistor-Capacitor (R-C) Charging Exponential Power-up In the case where the VDD ANALOG and VDD IO
voltage-vs.-time function is as a typical R-C Charging exponential function the time constant must be less
than or equal to 1.25 ms.
Other Power-up Functions In the case where the VDD ANALOG and VDD IO voltage-vs.-time characteristic follows
another function the following requirements must be met:
1. The specified minimum operating voltage values for VDD ANALOG and VDD IO must be reached in 5 ms or less.
2. The slope of the VDD ANALOG and VDD IO power-up curves must be greater than or equal to 0.7 V/ms at any
time before the specified minimum operating voltage is reached.
3. The slope of the VDD ANALOG and VDD IO power-up curves must not allow ringing such that the voltage is
allowed to drop below the specified minimum operating voltage at any time after the specified minimum
operating voltage is reached.
Power On Reset (POR)
After the requirements of Software Reset Sequence and Power-Up Sequence are met each register will then
contain its defined POR default value. Any of the following actions may cause register values to change from
their POR value:
1. The master writes different data to any Read/Write (R/W) bits, or
2. The LM95172EWG is powered down.
The specific POR Value of each register is listed in INTERNAL REGISTER STRUCTURE.
ONE SHOT CONVERSION
The LM95172EWG features a one-shot conversion bit, which is used to initiate a singe conversion and
comparison cycle when the LM95172EWG is in shutdown mode. While the LM95172EWG is in shutdown mode,
writing a "1" to the One-Shot bit in the Control/Status Register will cause the LM95172EWG to perform a single
temperature conversion and update the Temperature Register and the affected status bits. Operating the
LM95172EWG in this one-shot mode allows for extremely low average-power comsumption, making it ideal for
low-power applications.
When the One-shot bit is set, the LM95172EWG initiates a temperature conversion. After this initiation, but
before the completion of the conversion, and resultant register updates, the LM95172EWG is in a "one-shot"
state. During this state, the Data Available (DAV) flag in the Control/Status Register is "0" and the Temperature
Register contains the value 8000h (-256°C). All other registers contain the data that was present before initiating
the one-shot conversion. After the temperature measurement is complete, the DAV flag will be set to "1" and the
temperature register will contain the resultant measured temperature.
OVERTEMP OUTPUT
The Over-temperature (OVERTEMP) output is a temperature switch signal that indicates when the measured
temperature exceeds the THIGH programmed limit. The programmable THIGH register sets the high temperature
limit and the TLOW register is used to set the hysteresis. The TLOW register also sets the temperature below which
the OVERTEMP output resets. The OVERTEMP output of the LM95172EWG behaves as a temperature
comparator. The following explains the operation of OVERTEMP. Figure 10 illustrates the OVERTEMP output
behavior.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM95172


Similar Part No. - LM95172-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95172 NSC-LM95172 Datasheet
410Kb / 22P
   13-Bit to 16-Bit 200째C Digital Temp Sensor with 3-Wire Interface
LM95172EWG NSC-LM95172EWG Datasheet
410Kb / 22P
   13-Bit to 16-Bit 200째C Digital Temp Sensor with 3-Wire Interface
LM95172EWG10A NSC-LM95172EWG10A Datasheet
410Kb / 22P
   13-Bit to 16-Bit 200째C Digital Temp Sensor with 3-Wire Interface
LM95172Q NSC-LM95172Q Datasheet
467Kb / 24P
   Digital Temperature Sensor in Die Form with 짹1C Accuracy from 130C to 160C
LM95172QA2MDA NSC-LM95172QA2MDA Datasheet
467Kb / 24P
   Digital Temperature Sensor in Die Form with 짹1C Accuracy from 130C to 160C
More results

Similar Description - LM95172-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95172 NSC-LM95172 Datasheet
410Kb / 22P
   13-Bit to 16-Bit 200째C Digital Temp Sensor with 3-Wire Interface
logo
Texas Instruments
DAC712 TI1-DAC712 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Burr-Brown (TI)
DAC712 BURR-BROWN-DAC712 Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
DAC715 BURR-BROWN-DAC715 Datasheet
288Kb / 11P
   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Analog Devices
ADT7301 AD-ADT7301_17 Datasheet
319Kb / 17P
   13-Bit, Digital Temperature Sensor
logo
Burr-Brown (TI)
PCM2702 BURR-BROWN-PCM2702 Datasheet
117Kb / 11P
   16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
DAC716 BURR-BROWN-DAC716 Datasheet
201Kb / 13P
   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Texas Instruments
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com