Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM95213 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM95213
Description  2-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface and TCRIT Outputs
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95213 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM95213 Datasheet HTML 4Page - Texas Instruments LM95213 Datasheet HTML 5Page - Texas Instruments LM95213 Datasheet HTML 6Page - Texas Instruments LM95213 Datasheet HTML 7Page - Texas Instruments LM95213 Datasheet HTML 8Page - Texas Instruments LM95213 Datasheet HTML 9Page - Texas Instruments LM95213 Datasheet HTML 10Page - Texas Instruments LM95213 Datasheet HTML 11Page - Texas Instruments LM95213 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
SNP
GND
D1
PIN
GND
PIN
D1
V+
6.5V
D3
ESD
CLAMP
D2
VIH
VIL
SMBCLK
P
S
VIH
VIL
SMBDAT
tBUF
tHD;STA
tLOW
tR
tHD;DAT
tHIGH
tF
tSU;DAT
tSU;STA
tSU;STO
P
S
LM95213
SNIS147A – MARCH 2007 – REVISED MARCH 2013
www.ti.com
Figure 2. SMBus Communication
Pin #
Label
Circuit
Circuits for Pin ESD Protection Structure
1
NC
2
VDD
A
3
NC
4
NC
5
D-
A
6
D2+
A
Circuit A
7
D1+
A
8
GND
9
A0
B
10
TCRIT1
B
11
TCRIT2
B
12
SMBDAT
B
13
SMBCLK
B
Circuit B
14
TCRIT2
B
8
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM95213


Similar Part No. - LM95213

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95213 NSC-LM95213 Datasheet
721Kb / 34P
   2-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface and TCRIT Outputs
LM95213CISD NSC-LM95213CISD Datasheet
721Kb / 34P
   2-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface and TCRIT Outputs
LM95213CISDX NSC-LM95213CISDX Datasheet
721Kb / 34P
   2-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface and TCRIT Outputs
More results

Similar Description - LM95213

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95213 NSC-LM95213 Datasheet
721Kb / 34P
   2-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface and TCRIT Outputs
LM83 NSC-LM83 Datasheet
331Kb / 20P
   Triple-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM83 TI-LM83_15 Datasheet
337Kb / 22P
[Old version datasheet]   Triple-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface
logo
National Semiconductor ...
LM82 NSC-LM82_04 Datasheet
358Kb / 17P
   Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM82 NSC-LM82 Datasheet
341Kb / 17P
   Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM82 TI-LM82_15 Datasheet
713Kb / 25P
[Old version datasheet]   Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM89 TI-LM89 Datasheet
1Mb / 37P
[Old version datasheet]   Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
LM90 TI-LM90_15 Datasheet
1Mb / 32P
[Old version datasheet]   Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
National Semiconductor ...
LM86 NSC-LM86 Datasheet
414Kb / 21P
   짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM86 TI1-LM86 Datasheet
1Mb / 33P
[Old version datasheet]   짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com