Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM95234 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM95234
Description  Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95234 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM95234 Datasheet HTML 4Page - Texas Instruments LM95234 Datasheet HTML 5Page - Texas Instruments LM95234 Datasheet HTML 6Page - Texas Instruments LM95234 Datasheet HTML 7Page - Texas Instruments LM95234 Datasheet HTML 8Page - Texas Instruments LM95234 Datasheet HTML 9Page - Texas Instruments LM95234 Datasheet HTML 10Page - Texas Instruments LM95234 Datasheet HTML 11Page - Texas Instruments LM95234 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
CONVERSION TIME (ms)
100
1000
10000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VDD = +3.3V
TA = 25°C
LM95234
SNIS136D – AUGUST 2006 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
Thermal Diode Capacitor or PCB
Conversion Rate Effect on
Leakage Current Effect on
Average Power Supply Current
Remote Diode Temperature Reading
Figure 3.
Figure 4.
Remote Temperature Reading Sensitivity to
Remote Temperature Reading Sensitivity to
Thermal Diode Filter Capacitance,
Thermal Diode Filter Capacitance,
TruTherm Disabled
TruTherm Enabled
Figure 5.
Figure 6.
Intel Processor on 65 nm Process or 90 nm Process
Thermal Diode Performance Comparison
Figure 7.
8
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM95234


Similar Part No. - LM95234

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95234 NSC-LM95234 Datasheet
508Kb / 5P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95234 NSC-LM95234 Datasheet
826Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
LM95234CISD NSC-LM95234CISD Datasheet
508Kb / 5P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95234CISD NSC-LM95234CISD Datasheet
826Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
LM95234CISDX NSC-LM95234CISDX Datasheet
508Kb / 5P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
More results

Similar Description - LM95234

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95234 NSC-LM95234 Datasheet
508Kb / 5P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95234 NSC-LM95234_07 Datasheet
826Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
logo
Texas Instruments
LM95233 TI-LM95233_15 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95233 NSC-LM95233_07 Datasheet
756Kb / 36P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
LM95233 NSC-LM95233 Datasheet
496Kb / 5P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface, TCRITs and TruTherm??Technology
LM95235 NSC-LM95235 Datasheet
797Kb / 25P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235_08 Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
Texas Instruments
LM95235 TI-LM95235_15 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95214 NSC-LM95214 Datasheet
794Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface
logo
Texas Instruments
LM95214 TI-LM95214_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com