Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM95235-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM95235-Q1
Description  Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95235-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM95235-Q1 Datasheet HTML 5Page - Texas Instruments LM95235-Q1 Datasheet HTML 6Page - Texas Instruments LM95235-Q1 Datasheet HTML 7Page - Texas Instruments LM95235-Q1 Datasheet HTML 8Page - Texas Instruments LM95235-Q1 Datasheet HTML 9Page - Texas Instruments LM95235-Q1 Datasheet HTML 10Page - Texas Instruments LM95235-Q1 Datasheet HTML 11Page - Texas Instruments LM95235-Q1 Datasheet HTML 12Page - Texas Instruments LM95235-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
LM95235
LM95235-Q1
www.ti.com
SNIS142F – APRIL 2006 – REVISED MARCH 2013
FUNCTIONAL DESCRIPTION
The LM95235 is a temperature sensor that measures Local and Remote temperature zones. The LM95235 uses
a
ΔVbe temperature sensing method. A differential voltage, representing temperature, is digitized using a Sigma-
Delta analog to digital converter. TruTherm Technology allows the LM95235 to accurately sense the temperature
of a thermal diode found on die fabricated using a sub-micron process. For more information on TruTherm
Technology see Applications Hints . The LM95235 is compatible with the serial SMBus version 2.0 two-wire
serial interface.
The LM95235 has OS and TCRIT open-drain digital outputs that indicate the state of the local and remote
temperature readings when compared to user-programmable limits. If enabled, the local temperature is
compared to the user-programmable Local Shared OS and TCRIT Limit Register (Default Value = 85°C). The
comparison result can trigger the T_CRIT pin and/or the OS pin depending on the settings of the Local TCRIT
Mask and OS Mask bits found in Configuration Register 1. The comparison result can also be read back from
Status Register 1. If enabled, the remote temperature is compared to the user-programmable Remote TCRIT
Limit Register (Default Value = 110°C), and the Remote OS Limit Register (Default Value = 85°C) values. The
comparison result can trigger the T_CRIT pin and/or the OS pin depending on the settings of Configuration
Register 1. The following table describes the default temperature settings for each measured temperature that
triggers T_CRIT and/or OS pins:
Output Pin
Remote,°C
Local,°C
T_CRIT
110
85
OS
85
85
The following table describes the limit register mapping to the T_CRIT and/or OS pins:
Output Pin
Remote
Local
T_CRIT
Remote TCRIT Limit
Local Shared OS/TCRIT Limit
OS
Remote OS Limit
Local Shared OS/TCRIT Limit
The T_CRIT and OS outputs are open-drain, active low.
The remote temperature readings support a programmable digital filter. Based on the settings in Configuration
Register 2 a digital filter can be turned on to improve the noise performance of the remote temperature as well as
to increase the resolution of the temperature reading. If the filter is enabled the filtered readings are used for
TCRIT and OS comparisons. The LM95235 may be placed in low power consumption (Standby) mode by setting
the STOP/RUN bit found in Configuration Register 1. In the Standby mode, the LM95235’s SMBus interface
remains active while all circuitry not required is turned off. In the Standby mode the host can trigger one round of
conversions by writing to the One-Shot Register. The value written into this register is not kept. Local and
Remote temperatures will be converted once and the T_CRIT and OS pins will reflect the comparison results
based on this set of conversions results.
All the temperature readings are in 16-bit left-justified word format. The 10-bit plus sign local temperature reading
is contained in two 8-bit registers: Local Temp MSB and Local Temp LSB Registers. The remote temperature
supports both a 13-bit unsigned and a 12-bit plus sign format. These readings are available in their
corresponding registers as described in the LM95235 Register table. The lower 2-bits of the remote temperature
reading will contain temperature information only if the digital filter is enabled. If the digital filter is disabled, these
two bits will read back 0.
The signed and unsigned remote temperature readings are available simultaneously in separate registers,
therefore allowing both negative temperatures and temperatures 128°C and above to be measured.
All Limit Registers support unsigned temperature format with 1°C LSb resolution. The Local Shared TCRIT and
OS Limit Register is 7 bits for limits between 0°C and 127°C. The Remote Temperature TCRIT and OS Limit
Registers are 8 bits each for limits between 0°C and 255°C.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM95235 LM95235-Q1


Similar Part No. - LM95235-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95235 NSC-LM95235 Datasheet
797Kb / 25P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235 Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95235CIMM NSC-LM95235CIMM Datasheet
797Kb / 25P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235CIMM NSC-LM95235CIMM Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95235CIMMX NSC-LM95235CIMMX Datasheet
797Kb / 25P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
More results

Similar Description - LM95235-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95235 NSC-LM95235 Datasheet
797Kb / 25P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235_08 Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95231 NSC-LM95231_06 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
logo
Texas Instruments
LM95231 TI-LM95231_15 Datasheet
1Mb / 30P
[Old version datasheet]   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95231 NSC-LM95231 Datasheet
464Kb / 4P
   TruTherm Precision Dual Remote Diode Temperature Sensor with SMBus Interface
logo
Texas Instruments
LM95234 TI-LM95234_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95234 NSC-LM95234 Datasheet
508Kb / 5P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
Texas Instruments
LM95233 TI-LM95233_15 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95234 NSC-LM95234_07 Datasheet
826Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
LM95233 NSC-LM95233_07 Datasheet
756Kb / 36P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com