Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC61C256AH-12N Datasheet(PDF) 9 Page - Integrated Circuit Solution Inc

Part # IC61C256AH-12N
Description  32K x 8 HIGH-SPEED CMOS STATIC RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC61C256AH-12N Datasheet(HTML) 9 Page - Integrated Circuit Solution Inc

  IC61C256AH-12N Datasheet HTML 1Page - Integrated Circuit Solution Inc IC61C256AH-12N Datasheet HTML 2Page - Integrated Circuit Solution Inc IC61C256AH-12N Datasheet HTML 3Page - Integrated Circuit Solution Inc IC61C256AH-12N Datasheet HTML 4Page - Integrated Circuit Solution Inc IC61C256AH-12N Datasheet HTML 5Page - Integrated Circuit Solution Inc IC61C256AH-12N Datasheet HTML 6Page - Integrated Circuit Solution Inc IC61C256AH-12N Datasheet HTML 7Page - Integrated Circuit Solution Inc IC61C256AH-12N Datasheet HTML 8Page - Integrated Circuit Solution Inc IC61C256AH-12N Datasheet HTML 9Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IC61C256AH
Integrated Circuit Solution Inc.
9
AHSR010-0D 4/19/2002
ORDERING INFORMATION:
IC61C256AH
Commercial Range: 0°C to +70°C
Speed (ns)
Order Part No.
Package
10
IC61C256AH-10N
300mil DIP
10
IC61C256AH-10J
300mil SOJ
10
IC61C256AH-10T
8*13.4mm TSOP-1
10
IC61C256AH-10U
330mil SOP
12
IC61C256AH-12N
300mil DIP
12
IC61C256AH-12J
300mil SOJ
12
IC61C256AH-12T
8*13.4mm TSOP-1
12
IC61C256AH-12U
330mil SOP
15
IC61C256AH-15N
300mil DIP
15
IC61C256AH-15J
300mil SOJ
15
IC61C256AH-15T
8*13.4mm TSOP-1
15
IC61C256AH-15U
330mil SOP
20
IC61C256AH-20N
300mil DIP
20
IC61C256AH-20J
300mil SOJ
20
IC61C256AH-20T
8*13.4mm TSOP-1
20
IC61C256AH-20U
330mil SOP
ORDERING INFORMATION:
IC61C256AH
Industrial Range: –40°C to +85°C
Speed (ns)
Order Part No.
Package
12
IC61C256AH-12NI 300mil DIP
12
IC61C256AH-12JI
300mil SOJ
12
IC61C256AH-12TI
8*13.4mm TSOP-1
12
IC61C256AH-12UI
330mil SOP
15
IC61C256AH-15NI
300mil DIP
15
IC61C256AH-15JI
300mil SOJ
15
IC61C256AH-15TI
8*13.4mm TSOP-1
15
IC61C256AH-15UI
330mil SOP
20
IC61C256AH-20NI
300mil DIP
20
IC61C256AH-20JI
300mil SOJ
20
IC61C256AH-20TI
8*13.4mm TSOP-1
20
IC61C256AH-20UI
330mil SOP
25
IC61C256AH-25NI
300mil DIP
25
IC61C256AH-25JI
300mil SOJ
25
IC61C256AH-25TI
8*13.4mm TSOP-1
25
IC61C256AH-25UI
330mil SOP
Integrated Circuit Solution Inc.
HEADQUARTER:
NO.2, TECHNOLOGY RD. V, SCIENCE-BASED INDUSTRIAL PARK,
HSIN-CHU, TAIWAN, R.O.C.
TEL: 886-3-5780333
Fax: 886-3-5783000
BRANCH OFFICE:
7F, NO. 106, SEC. 1, HSIN-TAI 5TH ROAD,
HSICHIH TAIPEI COUNTY, TAIWAN, R.O.C.
TEL: 886-2-26962140
FAX: 886-2-26962252
http://www.icsi.com.tw


Similar Part No. - IC61C256AH-12N

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
IC61C6416-10K ICSI-IC61C6416-10K Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
IC61C6416-10T ICSI-IC61C6416-10T Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
IC61C6416-12K ICSI-IC61C6416-12K Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
IC61C6416-12KI ICSI-IC61C6416-12KI Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IC61C256AH-12N

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Winbond
W24257A WINBOND-W24257A Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
   32K X 8 High Speed CMOS Static RAM
logo
Mosel Vitelic, Corp
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
   32K x 8 HIGH SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L256A TMT-T14L256A Datasheet
72Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM?
logo
Winbond
W24L257A WINBOND-W24L257A Datasheet
209Kb / 9P
   32K X 8 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C256AL ISSI-IS61C256AL Datasheet
633Kb / 12P
   32K X 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
P4C1256 ETC1-P4C1256 Datasheet
89Kb / 8P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Taiwan Memory Technolog...
T14M256A TMT-T14M256A_04 Datasheet
76Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C256AH ISSI-IS61C256AH Datasheet
60Kb / 8P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com