Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1847E-050 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1847E-050
Description  Dual Temperature-Controlled NV Variable Resistor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1847E-050 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1847E-050 Datasheet HTML 1Page - Dallas Semiconductor DS1847E-050 Datasheet HTML 2Page - Dallas Semiconductor DS1847E-050 Datasheet HTML 3Page - Dallas Semiconductor DS1847E-050 Datasheet HTML 4Page - Dallas Semiconductor DS1847E-050 Datasheet HTML 5Page - Dallas Semiconductor DS1847E-050 Datasheet HTML 6Page - Dallas Semiconductor DS1847E-050 Datasheet HTML 7Page - Dallas Semiconductor DS1847E-050 Datasheet HTML 8Page - Dallas Semiconductor DS1847E-050 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
DS1847
4 of 17
Memory
Location
Name of Location
Function of Location
00h to 47h
(Table Select
Byte, E0h, must
be set to 01h or
02h to access the
Look-Up Tables)
User Defined Look-Up Table
(LUT)
This block contains the user defined temperature
settings of the resistors. Values between 00h and
FFh can be written to either table to set the 256
position variable resistors. The first address
location, 00h, is used to set the resistor at -40°C.
Each successive memory location will contain the
resistor setting for the previous temperature +2°C.
For example, memory address 01h is the address
that will set the resistor in a –38°C environment.
For default memory settings and programming
the look-up table, refer to the Programming the
Look-Up Table (LUT) section of the datasheet.
E0h
Table Select Byte
Writing to this byte determines which of the two
72x8 EEPROM look-up tables is selected for
reading or writing.
01h (Look-Up Table 1 selected)
02h (Look-Up Table 2 selected)
E1h
Configuration Byte
TAU – Temperature/Address Update
TEN – Temperature Update Enable
AEN – Address Update Enable
Default setting is 03h, TAU = 1, TEN = 1 and
AEN = 1.
TAU becomes a 1 after a temperature and address
update has occurred as a result of a temperature
conversion. The user can write this bit to 0 and
check for a transition from 0 to 1 in order to
verify that a conversion has occurred.
If TEN = 0, the temperature conversion feature is
disabled. The user sets the resistor in “manual
mode” by writing to addresses F0h and
F1h to control resistors 0 and 1, respectively.
With AEN = 0 the user can operate in a test
mode. Address updates made from the
temperature sensor will cease. The user can load a
memory location into E4h and verify that the
values in locations F0h and F1h are the expected
user-defined values.
TAU TEN AEN


Similar Part No. - DS1847E-050

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1847E-050 MAXIM-DS1847E-050 Datasheet
270Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor
011806
DS1847E-050++ MAXIM-DS1847E-050+ Datasheet
270Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor
011806
DS1847E-050+T&R MAXIM-DS1847E-050+T&R Datasheet
270Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor
011806
DS1847E-050/T&R MAXIM-DS1847E-050/T&R Datasheet
270Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor
011806
More results

Similar Description - DS1847E-050

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1847 MAXIM-DS1847 Datasheet
270Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor
011806
logo
Dallas Semiconductor
DS1848 DALLAS-DS1848 Datasheet
234Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor & Memory
logo
Maxim Integrated Produc...
DS1848 MAXIM-DS1848 Datasheet
264Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor & Memory
011806
DS1841 MAXIM-DS1841 Datasheet
252Kb / 16P
   Temperature-Controlled, NV, I2C, Logarithmic Resistor
Rev 0; 11/07
logo
Dallas Semiconductor
DS1851 DALLAS-DS1851 Datasheet
202Kb / 17P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
logo
Maxim Integrated Produc...
DS1851 MAXIM-DS1851 Datasheet
200Kb / 18P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
19-5733; Rev 1/11
DS3901 MAXIM-DS3901 Datasheet
365Kb / 20P
   Triple, 8-Bit NV Variable Resistor with Dual Settings and User EEPROM
Rev 0; 4/06
DS3901E MAXIM-DS3901E Datasheet
365Kb / 20P
   Triple, 8-Bit NV Variable Resistor with Dual Settings and User EEPROM
Rev 0; 4/06
DS3906 MAXIM-DS3906 Datasheet
260Kb / 14P
   Triple NV Low Step Size Variable Resistor Plus Memory
Rev 0; 4/05
DS3902 MAXIM-DS3902 Datasheet
666Kb / 11P
   Dual, NV, Variable Resistors with User EEPROM
Rev 0; 5/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com