Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTB020N03KQ8 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # MTB020N03KQ8
Description  N-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB020N03KQ8 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  MTB020N03KQ8 Datasheet HTML 1Page - Cystech Electonics Corp. MTB020N03KQ8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB020N03KQ8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB020N03KQ8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB020N03KQ8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB020N03KQ8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB020N03KQ8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB020N03KQ8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB020N03KQ8 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C143Q8
Issued Date : 2015.11.13
Revised Date :
Page No. : 2/9
MTB020N03KQ8
CYStek Product Specification
Absolute Maximum Ratings (Tc=25°C, unless otherwise noted)
Parameter
Symbol
Limits
Unit
Drain-Source Voltage
VDS
30
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current @ TA=25
°C, VGS=10V
10.2
Continuous Drain Current @ TA=100
°C, VGS=10V
ID
6.5
Pulsed Drain Current
IDM
40 *1
Avalanche Current
IAS
10
A
Avalanche Energy @ L=0.1mH, ID=10A, RG=25Ω
EAS
15
Repetitive Avalanche Energy @ L=0.05mH
EAR
1.5 *2
mJ
TA=25
°C
3.1
Total Power Dissipation
TA=100
°C
PD
1.2
W
Operating Junction and Storage Temperature
Tj, Tstg
-55~+150
°C
Note : *1
. Pulse width limited by maximum junction temperature
*2. Duty cycle ≤ 1%
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-case
Rth,j-c
25
Thermal Resistance, Junction-to-ambient (Note)
Rth,j-a
40
°C/W
Note : 40°C / W when mounted on a 1 in2 pad of 2 oz copper, t≤10s; 125°C/W when mounted on minimum pad.
Characteristics (TC=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
30
-
-
VGS=0V, ID=250μA
VGS(th)
1.0
-
2.5
V
VDS = VGS, ID=250μA
GFS
-
9
-
S
VDS =5V, ID=8A
IGSS
-
-
±
10
VGS=±20V
-
-
1
VDS =30V, VGS =0V
IDSS
-
-
10
μA
VDS =24V, VGS =0V, Tj=85
°C
-
12.8
17
VGS =10V, ID=9A
*RDS(ON)
-
17.4
23
VGS =4.5V, ID=7A
Dynamic
Qg (VGS=10V) *1, 2
-
12
-
Qg (VGS=5V) *1, 2
-
6.9
Qgs *1, 2
-
1.8
-
Qgd *1, 2
-
3.4
-
nC
ID=9A, VDS=15V, VGS=10V
Ciss
-
450
-
Coss
-
79
-
Crss
-
60
-
pF
VGS=0V, VDS=15V, f=1MHz
Rg
-
8.8
-
Ω
f=1MHz


Similar Part No. - MTB020N03KQ8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB020N03KJ3 CYSTEKEC-MTB020N03KJ3 Datasheet
587Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB020N03KJ3-0-T3-G CYSTEKEC-MTB020N03KJ3-0-T3-G Datasheet
587Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB020N03KL3 CYSTEKEC-MTB020N03KL3 Datasheet
477Kb / 9P
   30V N-channel Enhancement Mode MOSFET
MTB020N03KL3-0-T3-G CYSTEKEC-MTB020N03KL3-0-T3-G Datasheet
477Kb / 9P
   30V N-channel Enhancement Mode MOSFET
MTB020N03KM3 CYSTEKEC-MTB020N03KM3 Datasheet
441Kb / 9P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - MTB020N03KQ8

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com