Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC61C256AH-15TI Datasheet(PDF) 2 Page - Integrated Circuit Solution Inc

Part # IC61C256AH-15TI
Description  32K x 8 HIGH-SPEED CMOS STATIC RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC61C256AH-15TI Datasheet(HTML) 2 Page - Integrated Circuit Solution Inc

  IC61C256AH-15TI Datasheet HTML 1Page - Integrated Circuit Solution Inc IC61C256AH-15TI Datasheet HTML 2Page - Integrated Circuit Solution Inc IC61C256AH-15TI Datasheet HTML 3Page - Integrated Circuit Solution Inc IC61C256AH-15TI Datasheet HTML 4Page - Integrated Circuit Solution Inc IC61C256AH-15TI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC61C256AH-15TI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC61C256AH-15TI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC61C256AH-15TI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC61C256AH-15TI Datasheet HTML 9Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IC61C256AH
2
Integrated Circuit Solution Inc.
AHSR010-0D 4/19/2002
ICSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any errors
which may appear in this publication. © Copyright 2000, Integrated Circuit Solution Inc.
FEATURES
• High-speed access times: 10, 12, 15, 20, 25 ns
• Low active power: 400 mW (typical)
• Low standby power
-- 250
µW (typical) CMOS standby
-- 55 mW (typical) TTL standby
• Fully static operation: no clock or refresh
required
• TTL compatible interface and outputs
• Single 5V power supply
DESCRIPTION
The
ICSI IC61C256AH is very high-speed, low power, 32,768
word by 8-bit static RAMs. They are fabricated using
ICSI's
high-performance CMOS technology. This highly reliable pro-
cess coupled with innovative circuit design techniques, yields
access times as fast as 8 ns maximum.
When
CE is HIGH (deselected), the device assumes a standby
mode at which the power dissipation is reduced to
50
µW (typical) with CMOS input levels.
Easy memory expansion is provided by using an active LOW
Chip Enable (
CE). The active LOW Write Enable (WE) controls
both writing and reading of the memory.
The IC61C256AH is pin compatible with other 32k x
8 SRAMs
and are available in 28-pin 300mil PDIP, 300mil SOJ, and
8*13.4mm TSOP-1 package, 330 mil SOP.
32K x 8 HIGH-SPEED CMOS STATIC RAM
FUNCTIONAL BLOCK DIAGRAM
A0-A14
CE
OE
WE
32K X 8
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VCC
I/O
DATA
CIRCUIT
I/O0-I/O7


Similar Part No. - IC61C256AH-15TI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
IC61C6416-10K ICSI-IC61C6416-10K Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
IC61C6416-10T ICSI-IC61C6416-10T Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
IC61C6416-12K ICSI-IC61C6416-12K Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
IC61C6416-12KI ICSI-IC61C6416-12KI Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IC61C256AH-15TI

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Winbond
W24257A WINBOND-W24257A Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
   32K X 8 High Speed CMOS Static RAM
logo
Mosel Vitelic, Corp
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
   32K x 8 HIGH SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L256A TMT-T14L256A Datasheet
72Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM?
logo
Winbond
W24L257A WINBOND-W24L257A Datasheet
209Kb / 9P
   32K X 8 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C256AL ISSI-IS61C256AL Datasheet
633Kb / 12P
   32K X 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
P4C1256 ETC1-P4C1256 Datasheet
89Kb / 8P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Taiwan Memory Technolog...
T14M256A TMT-T14M256A_04 Datasheet
76Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C256AH ISSI-IS61C256AH Datasheet
60Kb / 8P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com