Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3653C Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA3653C
Description  VERTICAL DEFLECTION AND GUARD CIRCUIT 90째
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3653C Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA3653C Datasheet HTML 5Page - NXP Semiconductors TDA3653C Datasheet HTML 6Page - NXP Semiconductors TDA3653C Datasheet HTML 7Page - NXP Semiconductors TDA3653C Datasheet HTML 8Page - NXP Semiconductors TDA3653C Datasheet HTML 9Page - NXP Semiconductors TDA3653C Datasheet HTML 10Page - NXP Semiconductors TDA3653C Datasheet HTML 11Page - NXP Semiconductors TDA3653C Datasheet HTML 12Page - NXP Semiconductors TDA3653C Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
March 1991
11
Philips Semiconductors
Product specification
Vertical deflection and guard circuit (90˚)
TDA3653B
TDA3653C
PACKAGE OUTLINES
UNIT
A
A
max.
2
A3
b 1
D1
b 2
bc
D(1)
E(1)
Z
max.
(1)
eL
P
P1
q1
q2
q
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
18.5
17.8
3.7
8.7
8.0
A4
15.8
15.4
1.40
1.14
0.67
0.50
1.40
1.14
0.48
0.38
21.8
21.4
21.4
20.7
6.48
6.20
3.4
3.2
2.54
1.0
5.9
5.7
4.4
4.2
3.9
3.4
15.1
14.9
Q
1.75
1.55
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
2.75
2.50
SOT110-1
92-11-17
95-02-25
0
5
10 mm
scale
0.25
w
D
E
A
A
c
A2
3
A 4
q 1
q 2
L
Q
w M
b
b 1
b 2
D1
P
q
1
Z
e
19
P
pin 1 index
SIL9MPF: plastic single in-line medium power package with fin; 9 leads
SOT110-1


Similar Part No. - TDA3653C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3653C PHILIPS-TDA3653C Datasheet
118Kb / 13P
   Vertical deflection and guard circuit 90째
March 1991
More results

Similar Description - TDA3653C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3653B PHILIPS-TDA3653B Datasheet
118Kb / 13P
   Vertical deflection and guard circuit 90째
March 1991
logo
Integral Corp.
ILA3654 INTEGRAL-ILA3654 Datasheet
173Kb / 3P
   VERTICAL DEFLECTION AND GUARD CIRCUIT
logo
KODENSHI_AUK CORP.
KKA3654 KODENSHI-KKA3654 Datasheet
192Kb / 5P
   VERTICAL DEFLECTION AND GUARD CIRCUIT (110째)
logo
NXP Semiconductors
TDA3654 PHILIPS-TDA3654 Datasheet
118Kb / 14P
   Vertical deflection and guard circuit 110째
March 1991
logo
STMicroelectronics
TDA8218 STMICROELECTRONICS-TDA8218 Datasheet
120Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
September 1993
TDA8214B STMICROELECTRONICS-TDA8214B Datasheet
160Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
TDA8215B STMICROELECTRONICS-TDA8215B Datasheet
145Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
September 1993
TDA1770A STMICROELECTRONICS-TDA1770A Datasheet
592Kb / 13P
   VERTICAL DEFLECTION CIRCUIT
TDA8174A STMICROELECTRONICS-TDA8174A_03 Datasheet
119Kb / 7P
   VERTICAL DEFLECTION CIRCUIT
TDA1670A STMICROELECTRONICS-TDA1670A Datasheet
604Kb / 15P
   VERTICAL DEFLECTION CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com