Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC145157-2 Datasheet(PDF) 8 Page - Motorola, Inc

Part # MC145157-2
Description  Parallel-Input PLL Frequency Synthesizer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145157-2 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MC145157-2 Datasheet HTML 4Page - Motorola, Inc MC145157-2 Datasheet HTML 5Page - Motorola, Inc MC145157-2 Datasheet HTML 6Page - Motorola, Inc MC145157-2 Datasheet HTML 7Page - Motorola, Inc MC145157-2 Datasheet HTML 8Page - Motorola, Inc MC145157-2 Datasheet HTML 9Page - Motorola, Inc MC145157-2 Datasheet HTML 10Page - Motorola, Inc MC145157-2 Datasheet HTML 11Page - Motorola, Inc MC145157-2 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
MC145151–2 through MC145158–2
MOTOROLA
8
Figure 2. 666–Channel, Computer–Controlled, Mobile Radiotelephone Synthesizer
for 800 MHz Cellular Radio Systems
LOCK DETECT SIGNAL
R1
+
RECEIVER FIRST L.O.
825.030
→ 844.980 MHz
(30 kHz STEPS)
MC12017
÷ 64/65 PRESCALER
NOTE 6
MC145152–2
NOTE 5
MC
LD
A0
A5
N9
OSCin
VDD
VSS
OSCout
RA2
RA1
φR
φV
fin
VCO
RA0
N0
+ V
R1
R2
C
R2
C
“1”
“1”
“1”
NO CONNECTS
CHANNEL PROGRAMMING
NOTES:
1. Receiver 1st I.F. = 45 MHz, low side injection; Receiver 2nd I.F. = 11.7 MHz, low side injection.
2. Duplex operation with 45 MHz receiver/transmit separation.
3. fR = 7.5 kHz; ÷ R = 2048.
4. Ntotal = N  64 + A = 27501 to 28166; N = 429 to 440; A = 0 to 63.
5. MC145158–2 may be used where serial data entry is desired.
6. High frequency prescalers (e.g., MC12018 [520 MHz] and MC12022 [1 GHz]) may be used for higher frequency VCO and fref
implementations.
7. The
φR and φV outputs are fed to an external combiner/loop filter. See the Phase–Locked Loop — Low–Pass Filter Design page for
additional information. The
φR and φV outputs swing rail–to–rail. Therefore, the user should be careful not to exceed the common mode
input range of the op amp used in the combiner/loop filter.
REF. OSC.
15.360 MHz
(ON–CHIP OSC.
OPTIONAL)
X2
X4
NOTE 6
X4
NOTE 6
TRANSMITTER
MODULATION
TRANSMITTER SIGNAL
825.030
→ 844.980 MHz
(30 kHz STEPS)
RECEIVER 2ND L.O.
30.720 MHz
NOTE 7
MC145152–2 Data Sheet Continued on Page 23


Similar Part No. - MC145157-2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145157-2 MOTOROLA-MC145157-2 Datasheet
81Kb / 3P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results

Similar Description - MC145157-2

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Fujitsu Component Limit...
MB1502 FUJITSU-MB1502 Datasheet
244Kb / 15P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Nippon Precision Circui...
PLL200 NPC-PLL200 Datasheet
629Kb / 7P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC12202 MOTOROLA-MC12202 Datasheet
165Kb / 12P
   Serial Input PLL Frequency Synthesizer
logo
Fujitsu Component Limit...
MB1507 FUJITSU-MB1507 Datasheet
117Kb / 14P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC145157-2 MOTOROLA-MC145157-2 Datasheet
81Kb / 3P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com