Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1302430021 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1302430021
Description  Haztex Wide Area LED Work Light, 4 x 20W, Plug 14/3 SOOW 7.62m
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1302430021 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1302430021 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 06/25/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1302430021
Status:
Active
Overview:
Wide-Area Lighting Products
Description:
Haztex® Wide Area LED Work Light, 4 x 20W, Plug 14/3 SOOW 7.62m (25.0')
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-130243-002 (PDF)
General
Product Family
Portable Lighting
Series
130243
Comments
Class 1, Division 2, Groups B, C, and D
NEMA Configuration
NEMA 5-15
NEMA Rating
NEMA 3R
Outlet
None
Overview
Wide-Area Lighting Products
Product Name
Haztex®
Type
Wide Area Lamps
UPC
78172536905
Woodhead
Yes
Physical
Cord Length - Primary
7.62m (25.0')
Cord Length - Secondary
N/A
Depth
176.90m (6.960")
Duty
Hazardous
Guard Included
No
Guard Type
N/A
Height
166.50mm (6.555")
Length
706.37mm (27.810")
Material - Globe
Clear Polycarbonate
Material - Guard
Silicone Rubber
Mounting Style
Variable
Packaging Type
Carton
Socket Construction
N/A
Electrical
Bulb Type
LED
Cord Type - Primary
14/3 SOOW
Lamp Type
20W LED
Lamp Wattage - Maximum
20W x 4
Lumens
5270
On/Off Switch
No
Voltage (Fixture) - Maximum
120V, 277V
Material Info
Old Part Number
1076HZ25025143
Reference - Drawing Numbers
Product Specification
PS-130243-002
Sales Drawing
SD-130243-1001
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Relevant
Search Parts in this Series
130243 Series
This document was generated on 06/25/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1302430021

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1302430023 MOLEX11-1302430023 Datasheet
46Kb / 2P
   Haztex Wide Area LED Work Light, 4 x 20W, Plug 12/3 SOOW 0.91m
1302430027 MOLEX11-1302430027 Datasheet
46Kb / 2P
   Haztex Wide Area LED Work Light, 4 x 20W, Plug 14/3 SOOW 7.62m
More results

Similar Description - 1302430021

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1302430027 MOLEX11-1302430027 Datasheet
46Kb / 2P
   Haztex Wide Area LED Work Light, 4 x 20W, Plug 14/3 SOOW 7.62m
130243-0025 MOLEX11-130243-0025 Datasheet
50Kb / 1P
   Haztex Wide Area LED Work Light, 4 x 20W, Plug 14/3 SOOW 15.24m
130243-0028 MOLEX11-130243-0028 Datasheet
54Kb / 2P
   Haztex Wide Area LED Work Light, 4 x 20W, Plug 14/3 SOOW 15.24m
130243-0033 MOLEX11-130243-0033 Datasheet
53Kb / 1P
   Haztex Wide Area LED Work Light, 4 x 20W, Plug 14/3 SOOW 15.24m
130243-0022 MOLEX11-130243-0022 Datasheet
51Kb / 2P
   Haztex Wide Area LED Work Light, 4 x 20W, Plug 14/3 SOOW 0.91m
130243-0029 MOLEX11-130243-0029 Datasheet
54Kb / 2P
   Haztex Wide Area LED Work Light, 4 x 20W, Plug 14/2 SOOW 0.91m
1302430023 MOLEX11-1302430023 Datasheet
46Kb / 2P
   Haztex Wide Area LED Work Light, 4 x 20W, Plug 12/3 SOOW 0.91m
130243-0031 MOLEX11-130243-0031 Datasheet
54Kb / 2P
   Haztex Wide Area LED Work Light, 4 x 20W, 12/3 SOOW 0.91m
130243-0030 MOLEX11-130243-0030 Datasheet
53Kb / 1P
   Haztex Wide Area LED Work Light, 4 x 20W, with 90o Brad Power Plug
130243-0032 MOLEX11-130243-0032 Datasheet
53Kb / 1P
   Haztex Wide Area LED Work Light, 4 x 20W, with Straight Brad Power Plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com