Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5001 Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G5001
Description  300kHz DC-DC Step-Down PWM Controller
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5001 Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G5001 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G5001 Datasheet HTML 2Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ver: 0.7
Dec 06, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G5001
Global Mixed-mode Technology Inc.
Ordering Information
ORDER NUMBER
MARKING
VOLTAGE
TEMP.
RANGE
PACKAGE
(Pb free)
G5001-ADJT11U
EEADx
Adj
-40°C~85°C
SOT-23-5
G5001-18T11U
EE18x
1.8V
-40°C~85°C
SOT-23-5
G5001-25T11U
EE25x
2.5V
-40°C~85°C
SOT-23-5
G5001-33T11U
EE33x
3.3V
-40°C~85°C
SOT-23-5
G5001-ADJT12U
5EADx
Adj
-40°C~85°C
SOT-23-5
G5001-18T12U
5E18x
1.8V
-40°C~85°C
SOT-23-5
G5001-25T12U
5E25x
2.5V
-40°C~85°C
SOT-23-5
G5001-33T12U
5E33x
3.3V
-40°C~85°C
SOT-23-5
Note: T1: SOT-23-5
1 or 2 : Bonding Code
U: Tape & Reel


Similar Part No. - G5001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G500 ETC2-G500 Datasheet
340Kb / 1P
   Pulse Transformers, Suitable for Data Interface
logo
TDK Electronics
G500-10-3P208 TDK-G500-10-3P208 Datasheet
116Kb / 2P
   Programmable Power Supplies
May 03, 2022
G500-10-3P480 TDK-G500-10-3P480 Datasheet
116Kb / 2P
   Programmable Power Supplies
May 03, 2022
logo
Bourns Electronic Solut...
G5000AS BOURNS-G5000AS Datasheet
311Kb / 4P
   G5000 and G6000 Series Overvoltage Protectors
logo
List of Unclassifed Man...
G500400225G ETC2-G500400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
More results

Similar Description - G5001

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC4601 UTC-UC4601 Datasheet
147Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
UC4601 UTC-UC4601_18 Datasheet
123Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
UC4601 UTC-UC4601_15 Datasheet
147Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
logo
SHANGHAI BELLING CO., L...
BL8523 BELLING-BL8523 Datasheet
525Kb / 5P
   PWM/PFM Step-down DC-DC Controller
logo
ACE Technology Co., LTD...
ACE73205F ACE-ACE73205F Datasheet
287Kb / 3P
   PWM Step-down DC-DC Controller IC
VER 1.1
logo
Microchip Technology
TC105 MICROCHIP-TC105 Datasheet
433Kb / 14P
   PFM/PWM Step-Down DC/DC Controller
2002
TC105 MICROCHIP-TC105_13 Datasheet
197Kb / 14P
   PFM/PWM Step-Down DC/DC Controller
2001-2012 10/26/12
logo
List of Unclassifed Man...
RT9226A ETC1-RT9226A Datasheet
186Kb / 6P
   Synchronus PWM Step-down DC/DC Comverter Controller
logo
Unisonic Technologies
UC3750 UTC-UC3750 Datasheet
211Kb / 9P
   600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
UC3750 UTC-UC3750_11 Datasheet
203Kb / 8P
   600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com