Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM26NV Datasheet(PDF) 2 Page - Texas Instruments

Part # LM26NV
Description  LM26NV SOT-23, 짹3째C Accurate, Factory Preset Thermostat (LM26 without VTEMP output)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM26NV Datasheet(HTML) 2 Page - Texas Instruments

  LM26NV_15 Datasheet HTML 1Page - Texas Instruments LM26NV_15 Datasheet HTML 2Page - Texas Instruments LM26NV_15 Datasheet HTML 3Page - Texas Instruments LM26NV_15 Datasheet HTML 4Page - Texas Instruments LM26NV_15 Datasheet HTML 5Page - Texas Instruments LM26NV_15 Datasheet HTML 6Page - Texas Instruments LM26NV_15 Datasheet HTML 7Page - Texas Instruments LM26NV_15 Datasheet HTML 8Page - Texas Instruments LM26NV_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
V+ = 2.7V
to 5.5V
NC
GND
HYST
OS
HYST
REF
TEMP
SENSOR
+
-
HYST = GND for 10°C Hysteresis
HYST = V+ for 2°C Hysteresis
TOS
TOS - THYST
Temp. of
Leads
OS
LM26NV
V+
NC or
GND
GND
HYST
1
2
3
4
5
OS, OS,
US, or US
LM26NV
SNIS151B – AUGUST 2008 – REVISED MARCH 2013
www.ti.com
Connection Diagram
Figure 1. 5-Lead SOT-23
See DBV Package
PIN DESCRIPTIONS
Pin
Pin
Function
Connection
Number
Name
1
HYST
Hysteresis control, digital input
GND for 10°C or V+ for 2°C
2
GND
Ground, connected to the back side of the die
System GND
through lead frame.
3
NC
Not Connected Inside Part
Ground or No Connect
4
V+
Supply input
2.7V to 5.5V with a 0.1µF bypass capacitor. For PSRR
information see Section Titled NOISE CONSIDERATIONS.
5(1)
OS
Overtemperature Shutdown open-drain active low Controller interrupt, system or power supply shutdown; pull-up
thermostat digital output
resistor
≥ 10kΩ
OS
Overtemperature Shutdown push-pull active high
Controller interrupt, system or power supply shutdown
thermostat digital output
US
Undertemperature Shutdown open-drain active
System or power supply shutdown; pull-up resistor
≥ 10kΩ
low thermostat digital output
US
Undertemperature Shutdown push-pull active
System or power supply shutdown
high thermostat digital output
(1)
Pin 5 functionality and trip point setting are programmed during LM26NV manufacture.
LM26CIM5-YPE Simplified Block Diagram and Connection Diagram
The LM26CIM5-YPE has a fixed trip point of 115°C. For other trip point and output function availability, please see
ordering information or contact Texas Instruments.
Figure 2.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM26NV


Similar Part No. - LM26NV_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26NV NSC-LM26NV Datasheet
268Kb / 12P
   SOT-23, 짹3째C Accurate, Factory Preset Thermostat (LM26 without VTEMP output)
More results

Similar Description - LM26NV_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26NV NSC-LM26NV Datasheet
268Kb / 12P
   SOT-23, 짹3째C Accurate, Factory Preset Thermostat (LM26 without VTEMP output)
LM26 NSC-LM26_07 Datasheet
283Kb / 10P
   SOT-23, 짹3째C Accurate, Factory Preset Thermostat
logo
Texas Instruments
LM26CIM5X-SHA TI1-LM26CIM5X-SHA Datasheet
292Kb / 12P
[Old version datasheet]   LM26 SOT-23, /-3C Accurate, Factory Preset Thermostat
LM26CIM5 TI-LM26CIM5 Datasheet
947Kb / 20P
[Old version datasheet]   LM26 SOT-23, 3C Accurate, Factory Preset Thermostat
logo
National Semiconductor ...
LM27 NSC-LM27_06 Datasheet
584Kb / 10P
   SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
logo
Texas Instruments
LM27 TI-LM27_15 Datasheet
981Kb / 17P
[Old version datasheet]   LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
LM27 TI1-LM27_16 Datasheet
1,015Kb / 17P
[Old version datasheet]   LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
LM26 TI-LM26_15 Datasheet
950Kb / 24P
[Old version datasheet]   Accurate, Factory-Preset Thermostat
logo
National Semiconductor ...
LM26 NSC-LM26 Datasheet
586Kb / 9P
   Accurate, Factory Preset Thermostat
LM27A NSC-LM27A Datasheet
237Kb / 10P
   짹3째C Accurate, 120째C-150째C Factory Preset Thermostat (LM27 in Die Form)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com