Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP34063 Datasheet(PDF) 4 Page - Anachip Corp

Part # AP34063
Description  Universal DC/DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP34063 Datasheet(HTML) 4 Page - Anachip Corp

  AP34063 Datasheet HTML 1Page - Anachip Corp AP34063 Datasheet HTML 2Page - Anachip Corp AP34063 Datasheet HTML 3Page - Anachip Corp AP34063 Datasheet HTML 4Page - Anachip Corp AP34063 Datasheet HTML 5Page - Anachip Corp AP34063 Datasheet HTML 6Page - Anachip Corp AP34063 Datasheet HTML 7Page - Anachip Corp AP34063 Datasheet HTML 8Page - Anachip Corp AP34063 Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Universal DC/DC Converter
AP34063
Anachip Corp.
www.anachip.com.tw
Rev.A5 Feb.10, 2004
4/10
Figure 1. Vce(sat) versus le
0.6
0.8
1
1.2
1.4
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Ie, Emitter Current (A)
1.24
1.245
1.25
1.255
1.26
0
102030
40
50
60
70
80
90
100
Temperature (oC)
Figure 2. Reference Voltage versus Temp.
Figure 4. Standby Supply Current
versus Supply Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
5
10
15
20
25
30
35
40
Vcc, Supply Voltage (V)
1.4
1.45
1.5
1.55
1.6
1.65
1.7
1.75
1.8
100
300
500
700
900
1100
1300
1500
IE(mA)
Figure 5. Emitter Follower Configuration
Output Saturation Voltage vs. Emitter Current
0.1
1
10
100
1000
0.01
0.1
1
10
CT, Oscillator Timing Capacitor (nF)
Figure 6.Output Switch On-Off Time versus
Oscillator Timing Capacitor
V
CC = 5.0V
Pin 7 = V
CC
Pin 5 = GND
T
A = 25
oC
t
on
t
off
Vcc=2~10V
Pin1,7,8=Vcc
Pin3,5=GND
T
A=25
oC
Pin2=5 Ω
10W
Figure 3. Current Limit Sense Voltage
versus Temperature
320
340
360
380
400
420
440
0
10
20
30
40
5060
7080
90
100
Temperature (oC)


Similar Part No. - AP34063

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP34063 ETC1-AP34063 Datasheet
172Kb / 10P
   Universal DC/DC Converter
logo
Diodes Incorporated
AP34063 DIODES-AP34063 Datasheet
207Kb / 11P
   UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 2
AP34063 DIODES-AP34063 Datasheet
220Kb / 11P
   UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 5
logo
List of Unclassifed Man...
AP34063N8 ETC1-AP34063N8 Datasheet
172Kb / 10P
   Universal DC/DC Converter
logo
Diodes Incorporated
AP34063N8 DIODES-AP34063N8 Datasheet
207Kb / 11P
   UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 2
More results

Similar Description - AP34063

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP34063 DIODES-AP34063 Datasheet
207Kb / 11P
   UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 2
logo
FOSLINK SEMICONDUCTOR C...
FSP34063 FOSLINK-FSP34063 Datasheet
222Kb / 10P
   UNIVERSAL DC/DC CONVERTER
logo
Diodes Incorporated
AP34063 DIODES-AP34063_09 Datasheet
220Kb / 11P
   UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 5
logo
List of Unclassifed Man...
AP34063 ETC1-AP34063 Datasheet
172Kb / 10P
   Universal DC/DC Converter
logo
SeCoS Halbleitertechnol...
SGSC34063 SECOS-SGSC34063 Datasheet
1Mb / 6P
   Universal DC To DC Converter
logo
Analog Intergrations Co...
MC34063A AIC-MC34063A_02 Datasheet
188Kb / 10P
   Industrial Standard, Universal DC/DC Converter
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com