Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1400ASN27T1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP1400ASN27T1
Description  100mA, Fixed Frequency PWM Step-Up Micropower Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1400ASN27T1 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP1400ASN27T1 Datasheet HTML 1Page - ON Semiconductor NCP1400ASN27T1 Datasheet HTML 2Page - ON Semiconductor NCP1400ASN27T1 Datasheet HTML 3Page - ON Semiconductor NCP1400ASN27T1 Datasheet HTML 4Page - ON Semiconductor NCP1400ASN27T1 Datasheet HTML 5Page - ON Semiconductor NCP1400ASN27T1 Datasheet HTML 6Page - ON Semiconductor NCP1400ASN27T1 Datasheet HTML 7Page - ON Semiconductor NCP1400ASN27T1 Datasheet HTML 8Page - ON Semiconductor NCP1400ASN27T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
NCP1400A
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (For all values TA = 25°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OSCILLATOR
Frequency (VOUT = VSET x 0.96, Note 5)
fOSC
144
180
216
kHz
Frequency Temperature Coefficient (TA = −40°C to 85°C)
Df
0.11
%/
°C
Maximum PWM Duty Cycle (VOUT = VSET x 0.96)
DMAX
68
75
82
%
Minimum Start−up Voltage (IO = 0 mA)
Vstart
0.8
0.95
V
Minimum Start−up Voltage Temperature Coefficient (TA = −40°C to 85°C)
DVstart
−1.6
mV/
°C
Minimum Operation Hold Voltage (IO = 0 mA)
Vhold
0.3
V
Soft−Start Time (VOUT u 0.8 V)
tSS
0.5
2.0
ms
LX (PIN 5)
LX Pin On−State Sink Current (VLX = 0.4 V)
Device Suffix:
19T1
22T1
25T1
27T1
30T1
33T1
38T1
45T1
50T1
ILX
80
80
80
100
100
100
100
100
100
90
90
120
125
130
135
145
155
160
mA
Voltage Limit (VOUT = VCE = VSET x 0.96, VLX “L’’ Side)
VLXLIM
0.65
0.8
1.0
V
Off−State Leakage Current (VLX = 5.0 V, TA = −40°C to 85°C)
ILKG
0.5
1.0
mA
CE (PIN 1)
CE Input Voltage (VOUT = VSET x 0.96)
High State, Device Enabled
Low State, Device Disabled
VCE(high)
VCE(low)
0.9
0.3
V
CE Input Current (Note 6)
High State, Device Enabled (VOUT = VCE = 5.0 V)
Low State, Device Disabled (VOUT = 5.0 V, VCE = 0 V)
ICE(high)
ICE(low)
−0.5
−0.5
0
0.15
0.5
0.5
mA
5. VSET means setting of output voltage.
6. CE pin is integrated with an internal 150 nA pull−up current source.


Similar Part No. - NCP1400ASN27T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1400ASN27T1 ONSEMI-NCP1400ASN27T1 Datasheet
154Kb / 16P
   100 mA, Fixed Frequency PWM Step?뭊p Micropower Switching Regulator
March, 2006 ??Rev. 11
NCP1400ASN27T1G ONSEMI-NCP1400ASN27T1G Datasheet
154Kb / 16P
   100 mA, Fixed Frequency PWM Step?뭊p Micropower Switching Regulator
March, 2006 ??Rev. 11
More results

Similar Description - NCP1400ASN27T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1400A ONSEMI-NCP1400A Datasheet
154Kb / 16P
   100 mA, Fixed Frequency PWM Step?뭊p Micropower Switching Regulator
March, 2006 ??Rev. 11
logo
Maxim Integrated Produc...
MAX4193 MAXIM-MAX4193 Datasheet
253Kb / 14P
   CMOS Micropower Step-Up Switching Regulator
Rev 2; 9/08
MAX630 MAXIM-MAX630_V01 Datasheet
263Kb / 14P
   CMOS Micropower Step-Up Switching Regulator
2008
MAX630 MAXIM-MAX630 Datasheet
546Kb / 12P
   CMOS Micropower Step-UP Switching Regulator
Rev 0; 5/86
logo
ON Semiconductor
NCP1402 ONSEMI-NCP1402_14 Datasheet
178Kb / 18P
   PFM Step-Up Micropower Switching Regulator
July, 2014 ??Rev. 10
logo
Intersil Corporation
EL7515 INTERSIL-EL7515 Datasheet
316Kb / 9P
   High Frequency PWM Step-Up Regulator
logo
Renesas Technology Corp
EL7515 RENESAS-EL7515 Datasheet
492Kb / 9P
   High Frequency PWM Step-Up Regulator
EL7512 RENESAS-EL7512 Datasheet
501Kb / 8P
   High Frequency PWM Step-Up Regulator
logo
Intersil Corporation
EL7515 INTERSIL-EL7515_07 Datasheet
179Kb / 9P
   High Frequency PWM Step-Up Regulator
logo
Elantec Semiconductor
EL7512C ELANTEC-EL7512C Datasheet
1Mb / 9P
   High Frequency PWM Step-Up Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com