Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM26CIM5-ZHA Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM26CIM5-ZHA
Description  Accurate, Factory-Preset Thermostat
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM26CIM5-ZHA Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM26CIM5-ZHA Datasheet HTML 4Page - Texas Instruments LM26CIM5-ZHA Datasheet HTML 5Page - Texas Instruments LM26CIM5-ZHA Datasheet HTML 6Page - Texas Instruments LM26CIM5-ZHA Datasheet HTML 7Page - Texas Instruments LM26CIM5-ZHA Datasheet HTML 8Page - Texas Instruments LM26CIM5-ZHA Datasheet HTML 9Page - Texas Instruments LM26CIM5-ZHA Datasheet HTML 10Page - Texas Instruments LM26CIM5-ZHA Datasheet HTML 11Page - Texas Instruments LM26CIM5-ZHA Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
6
TEMP
6
1.8015
V
T
1525.04
2.4182
10
3.479
10-
-
= -
+
´
+
´
6
2
2
O
V = (
3.47 10
(T
30) ) + (1.082 10
(T
30)) + 1.8015 V
-
-
-
´
´
-
´
´
-
VTEMP
GND
HYST
REF
TEMP
SENSOR
+
-
V+
V
+
LM26__D
US
HYST
LM26
SNIS115S – MAY 2001 – REVISED SEPTEMBER 2015
www.ti.com
Functional Block Diagrams (continued)
Figure 5. LM26-_ _D Output Pin Block Diagram
8.3 Feature Description
8.3.1 Hysteresis
The HYST pin level sets the comparator hysteresis. Setting the HYST pin to GND selects 10°C hysteresis, while
setting it to V+ selects 2°C. A series resistor can be used for protection purposes. The input leakage current of
the pin is less than 10 µA. The value of the resistor will depend on the value of V+ as well as the leakage current.
For example with V+ = 3.3 V the input threshold level for VIH = 0.8 × 3.3 V = 2.64 V, thus the voltage drop across
the resistor should be less than 0.66 V. The 10-µA input leakage current requires the resistor value to be less
than 66 k
Ω.
8.3.2 VTEMP Output
The VTEMP output provides an output voltage that can be used to determine the temperature reading of the LM26.
The temperature reading of the LM26 can be calculated using the equation:
(1)
or
(2)
The VTEMP output has very weak drive capability (1-µA source, 40-µA sink). So care should be taken when
attaching circuitry to this pin. Capacitive loading may cause the VTEMP output to oscillate. Simply adding a resistor
in series as shown in Figure 6 and Figure 7 will prevent oscillations from occurring. To determine the value of the
resistor follow the guidelines given in Table 1. The same value resistor will work for either placement of the
resistor. If an additional capacitive load is placed directly on the LM26 output, rather than across CLOAD, it should
be at least a factor of 10 smaller than CLOAD.
Table 1. Resistive Compensation for Capacitive Loading of VTEMP
CLOAD
R (
Ω)
≤100pF
0
1nF
8200
10nF
3000
100nF
1000
≥1µF
430
8
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: LM26


Similar Part No. - LM26CIM5-ZHA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26CIM5-ZHA NSC-LM26CIM5-ZHA Datasheet
586Kb / 9P
   Accurate, Factory Preset Thermostat
LM26CIM5-ZHA NSC-LM26CIM5-ZHA Datasheet
283Kb / 10P
   SOT-23, 짹3째C Accurate, Factory Preset Thermostat
logo
Texas Instruments
LM26CIM5-ZHA TI1-LM26CIM5-ZHA Datasheet
292Kb / 12P
[Old version datasheet]   LM26 SOT-23, /-3C Accurate, Factory Preset Thermostat
More results

Similar Description - LM26CIM5-ZHA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26 NSC-LM26 Datasheet
586Kb / 9P
   Accurate, Factory Preset Thermostat
LM26 NSC-LM26_07 Datasheet
283Kb / 10P
   SOT-23, 짹3째C Accurate, Factory Preset Thermostat
logo
Texas Instruments
LM27A TI1-LM27A_13 Datasheet
267Kb / 10P
[Old version datasheet]   Factory Preset Thermostat
LM26CIM5X-SHA TI1-LM26CIM5X-SHA Datasheet
292Kb / 12P
[Old version datasheet]   LM26 SOT-23, /-3C Accurate, Factory Preset Thermostat
LM26CIM5 TI-LM26CIM5 Datasheet
947Kb / 20P
[Old version datasheet]   LM26 SOT-23, 3C Accurate, Factory Preset Thermostat
logo
National Semiconductor ...
LM27 NSC-LM27_06 Datasheet
584Kb / 10P
   SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
logo
Texas Instruments
LM27 TI-LM27_15 Datasheet
981Kb / 17P
[Old version datasheet]   LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
LM27 TI1-LM27_16 Datasheet
1,015Kb / 17P
[Old version datasheet]   LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
logo
National Semiconductor ...
LM26NV NSC-LM26NV Datasheet
268Kb / 12P
   SOT-23, 짹3째C Accurate, Factory Preset Thermostat (LM26 without VTEMP output)
LM27A NSC-LM27A Datasheet
237Kb / 10P
   짹3째C Accurate, 120째C-150째C Factory Preset Thermostat (LM27 in Die Form)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com