Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM235 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM235
Description  LMx35, LMx35A Precision Temperature Sensors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM235 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM235 Datasheet HTML 7Page - Texas Instruments LM235 Datasheet HTML 8Page - Texas Instruments LM235 Datasheet HTML 9Page - Texas Instruments LM235 Datasheet HTML 10Page - Texas Instruments LM235 Datasheet HTML 11Page - Texas Instruments LM235 Datasheet HTML 12Page - Texas Instruments LM235 Datasheet HTML 13Page - Texas Instruments LM235 Datasheet HTML 14Page - Texas Instruments LM235 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LM135, LM135A, LM235, LM235A, LM335, LM335A
www.ti.com
SNIS160E – MAY 1999 – REVISED FEBRUARY 2015
8.2.3 Application Curve
Figure 14. Reverse Characteristics
8.3 System Examples
Figure 15. Wide Operating Supply
Figure 16. Minimum Temperature Sensing
Wire length for 1°C error due to wire drop
Figure 17. Average Temperature Sensing
Figure 18. Isolated Temperature Sensor
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM135 LM135A LM235 LM235A LM335 LM335A


Similar Part No. - LM235

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM235 STMICROELECTRONICS-LM235 Datasheet
118Kb / 11P
   PRECISION TEMPERATURE SENSORS
LM235 STMICROELECTRONICS-LM235 Datasheet
574Kb / 16P
   Precision temperature sensors
logo
National Semiconductor ...
LM235 NSC-LM235 Datasheet
867Kb / 16P
   Precision Temperature Sensors
LM235A NSC-LM235A Datasheet
867Kb / 16P
   Precision Temperature Sensors
logo
STMicroelectronics
LM235AD STMICROELECTRONICS-LM235AD Datasheet
118Kb / 11P
   PRECISION TEMPERATURE SENSORS
More results

Similar Description - LM235

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM135 NSC-LM135_08 Datasheet
867Kb / 16P
   Precision Temperature Sensors
logo
STMicroelectronics
LM135 STMICROELECTRONICS-LM135_08 Datasheet
574Kb / 16P
   Precision temperature sensors
LM135 STMICROELECTRONICS-LM135 Datasheet
118Kb / 11P
   PRECISION TEMPERATURE SENSORS
logo
National Semiconductor ...
LM135 NSC-LM135 Datasheet
291Kb / 14P
   Precision Temperature Sensors
LM34 NSC-LM34 Datasheet
248Kb / 12P
   Precision Fahrenheit Temperature Sensors
logo
Riedon Powertron
RTDW1N1001 RIEDON-RTDW1N1001 Datasheet
255Kb / 1P
   Precision Wirewound Temperature Sensors
201907_002
logo
National Semiconductor ...
LM34C NSC-LM34C Datasheet
242Kb / 10P
   Precision Fahrenheit Temperature Sensors
LM35A NSC-LM35A Datasheet
252Kb / 12P
   Precision Centigrade Temperature Sensors
logo
Tiger Electronic Co.,Lt...
LM35 TGS-LM35 Datasheet
451Kb / 10P
   Precision Centigrade Temperature Sensors
logo
Texas Instruments
LM35 TI1-LM35_15 Datasheet
1Mb / 31P
[Old version datasheet]   Precision Centigrade Temperature Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com