Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS-725-PCAR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RS-725-PCAR
Description  Safe - through Multiple Over Power Protections
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RS-725-PCAR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RS-725-PCAR Datasheet HTML 1Page - List of Unclassifed Manufacturers RS-725-PCAR Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Safe - through Multiple Over Power Protections
Powerful - Dual +12V outputs for higher power
usage
Durability - High quality capacitor with heat
resistant up to temperature 105 ℃
Reliable - 3 year warranty
The new release Extreme2 series packs a powerful punch by
delivering stable streams of power through dual +12V outputs
which will operate better and more efficient to your system.
With the highly durable capacitor that can resist the heat up to
105 ℃ as well as the multiple protection designs and reliable 3
year warranty service, there’s no doubt it’s a great choice for
home or office PC build or upgrade.
Model Number
RS-725-PCAR
Type
Intel Form Factor ATX 12V V2.3
Dimensions
150 x 140 x 86mm (5.9 x 5.5 x 3.4 inch)
Input Voltage
110-120 / 220-240 Vac
Input Current
12 / 6A
PFC
Non PFC
MTBF
100,000 Hours
Protection
OVP/UVP/OCP/OPP/OTP/SCP
Quality Certificates
TUV / CE / UL / FCC / BSMI / GOST / C-tick
/ KC / CCC
Fan
120 mm
Connectors
M/B 20+4 Pin Connector x 1
CPU 4+4 Pin x 1
PCI-E 6+2 Pin x 2
SATA x 6
4 Pin Peripheral x 3
4 Pin Floppy x 1
EAN Code
4719512036099
UPC Code
884102015656
Package Information
213 x 195 x 96 mm
8.38 x 7.67 x 3.77 inches
Carton Dimensions
505 x 240 x 250 mm
19.88 x 8.03 x 9.84 inches
Unit / Carton
5 pcs/carton
Extreme 2 725
RS-725-PCAR
Features
Specifications
Packaging Information
3 years
Warranty
AC INPUT
110-120/220-240V 12/6A 60/50Hz
DC OUTPUT
+12V1
+12V2
+5V
+3.3V
-12V
+5Vsb
28A
28A
22A
22A
0.3A
2.5A


Similar Part No. - RS-725-PCAR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RS-720-SPM2 ETC2-RS-720-SPM2 Datasheet
380Kb / 2P
   Cool - thanks to its Copper-Aluminum Heat Sink
More results

Similar Description - RS-725-PCAR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RS-475-PCAR ETC2-RS-475-PCAR Datasheet
233Kb / 2P
   Safe - through Multiple Over Power Protections
RS-625-PCAR ETC2-RS-625-PCAR Datasheet
234Kb / 2P
   Safe - through Multiple Over Power Protections
RS-525-PCAR ETC2-RS-525-PCAR Datasheet
235Kb / 2P
   Safe - through Multiple Over Power Protections
logo
Bel Fuse Inc.
LDX-U20 BEL-LDX-U20 Datasheet
696Kb / 5P
   Multiple protections
logo
CUI INC
VF-D320-DXXXA-CFS CUI-VF-D320-DXXXA-CFS Datasheet
221Kb / 5P
   over load, over voltage, over temperature, and short circuit protections
logo
Arch Electronics Corp.
ADF240C ARCH-ADF240C Datasheet
251Kb / 4P
   Protections: Short Circuit / Overload / Over Voltage / Over Temperature
logo
CUI INC
SWI12-SC CUI-SWI12-SC Datasheet
419Kb / 4P
   short circuit, over current, and over voltage protections
SWI15-N CUI-SWI15-N Datasheet
436Kb / 4P
   over voltage, over current, and short circuit protections
SWI15-E CUI-SWI15-E Datasheet
420Kb / 4P
   over voltage, over current, and short circuit protections
logo
Arch Electronics Corp.
ADF240 ARCH-ADF240 Datasheet
186Kb / 4P
   Protections: Short Circuit / Overload / Over Voltage / Over Temperature
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com