Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM27222 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM27222
Description  LM27222 High-Speed 4.5A Synchronous MOSFET Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM27222 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM27222 Datasheet HTML 3Page - Texas Instruments LM27222 Datasheet HTML 4Page - Texas Instruments LM27222 Datasheet HTML 5Page - Texas Instruments LM27222 Datasheet HTML 6Page - Texas Instruments LM27222 Datasheet HTML 7Page - Texas Instruments LM27222 Datasheet HTML 8Page - Texas Instruments LM27222 Datasheet HTML 9Page - Texas Instruments LM27222 Datasheet HTML 10Page - Texas Instruments LM27222 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
P =
QG-H
fSW x VCC
2
RH-pu
RH-pu + RG-H
+
RH-pd
RH-pd + RG-H
+ QG-L
RL-pu
RL-pu + RG-L
RL-pd
RL-pd + RG-L
+
^
^
LM27222
www.ti.com
SNVS306B – SEPTEMBER 2004 – REVISED MARCH 2013
In the case of insufficient initial CB-SW voltage (less than 2V) such as when the output rail is pre-biased, the
shoot-through protection circuit holds LG low for about 170ns, beginning from the instant when IN goes high.
After the 170ns delay, the status of LG is dictated by LEN and IN. Once LG goes high and SW goes low, the
bootstrap capacitor will be charged up (assuming SW is grounded for long enough time). As a result, CB-SW will
be close to 5V and the LM27222 will now fully support synchronous operation.
The dead-time between the high- and low-side pulses is kept as small as possible to minimize conduction
through the body diode of the low-side MOSFET(s).
POWER DISSIPATION
The power dissipated in the driver IC when switching synchronously can be calculated as follows:
where
where fSW = switching frequency
VCC = voltage at the VCC pin
QG_H = total gate charge of the (parallel combination of the) high-side MOSFET(s)
QG_L = total gate charge of the (parallel combination of the) low-side MOSFET(s)
RG_H = gate resistance of the (parallel combination of the) high-side MOSFET(s)
RG_L = gate resistance of the (parallel combination of the) low-side MOSFET(S)
RH_pu = pull-up RDS_ON of the high-side driver
RH_pd = pull-down RDS_ON of the high-side driver
RL_pu = pull-up RDS_ON of the low-side driver
RL_pd = pull-down RDS_ON of the low-side driver
(1)
PC BOARD LAYOUT GUIDELINES
1. Place the driver as close to the MOSFETs as possible.
2. HG, SW, LG, GND: Run short, thick traces between the driver and the MOSFETs. To minimize parasitics,
the traces for HG and SW should run parallel and close to each other. The same is true for LG and GND.
3. Driver VCC: Place the decoupling capacitor close to the VCC and GND pins.
4. The high-current loop between the high-side and low-side MOSFETs and the input capacitors should be as
small as possible.
5. There should be enough copper area near the MOSFETs and the inductor for heat dissipation. Vias may
also be added to carry the heat to other layers.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM27222


Similar Part No. - LM27222

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27222 NSC-LM27222 Datasheet
601Kb / 11P
   High-Speed 4.5A Synchronous MOSFET Driver
LM27222M NSC-LM27222M Datasheet
601Kb / 11P
   High-Speed 4.5A Synchronous MOSFET Driver
LM27222MX NSC-LM27222MX Datasheet
601Kb / 11P
   High-Speed 4.5A Synchronous MOSFET Driver
LM27222SD NSC-LM27222SD Datasheet
601Kb / 11P
   High-Speed 4.5A Synchronous MOSFET Driver
LM27222SDX NSC-LM27222SDX Datasheet
601Kb / 11P
   High-Speed 4.5A Synchronous MOSFET Driver
More results

Similar Description - LM27222

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27222 NSC-LM27222 Datasheet
601Kb / 11P
   High-Speed 4.5A Synchronous MOSFET Driver
logo
Semtech Corporation
SC1218 SEMTECH-SC1218 Datasheet
395Kb / 12P
   High Speed Synchronous MOSFET Driver
logo
National Semiconductor ...
LM2722 NSC-LM2722 Datasheet
162Kb / 8P
   High Speed Synchronous/Asynchronous MOSFET Driver
LM2724A NSC-LM2724A Datasheet
135Kb / 8P
   High Speed 3A Synchronous MOSFET Driver
logo
Semtech Corporation
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
   HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
SC1205 SEMTECH-SC1205_04 Datasheet
254Kb / 12P
   High Speed Synchronous Power MOSFET Driver
logo
Samtec, Inc
SC1205CS SAMTEC-SC1205CS Datasheet
255Kb / 12P
   High Speed Synchronous Power MOSFET Driver
logo
Semtech Corporation
SC1405 SEMTECH-SC1405 Datasheet
133Kb / 12P
   HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
SC1211 SEMTECH-SC1211 Datasheet
270Kb / 11P
   High Speed, Combi-SenseTM Synchronous MOSFET Driver
SC1405B SEMTECH-SC1405B Datasheet
261Kb / 13P
   High Speed Synchronous Power MOSFET Smart Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com