Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0402C0G1C470JT Datasheet(PDF) 2 Page - TDK Electronics

Part # C0402C0G1C470JT
Description  MULTILAYER CERAMIC CHIP CAPACITORS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C0402C0G1C470JT Datasheet(HTML) 2 Page - TDK Electronics

  C0402C0G1C470JT Datasheet HTML 1Page - TDK Electronics C0402C0G1C470JT Datasheet HTML 2Page - TDK Electronics C0402C0G1C470JT Datasheet HTML 3Page - TDK Electronics C0402C0G1C470JT Datasheet HTML 4Page - TDK Electronics C0402C0G1C470JT Datasheet HTML 5Page - TDK Electronics C0402C0G1C470JT Datasheet HTML 6Page - TDK Electronics C0402C0G1C470JT Datasheet HTML 7Page - TDK Electronics C0402C0G1C470JT Datasheet HTML 8Page - TDK Electronics C0402C0G1C470JT Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
— 1 —
1. SCOPE
This specification is applicable to chip type multilayer ceramic capacitors with a priority over the other
relevant specifications.
Production places defined in this specification shall be TDK-EPC Corporation Japan,
TDK (Suzhou) Co., Ltd and TDK Components U.S.A. Inc.
EXPLANATORY NOTE:
This specification warrants the quality of the ceramic chip capacitors. The chips should be evaluated
or confirmed a state of mounted on your product.
If the use of the chips goes beyond the bounds of the specification, we can not afford to guarantee.
2. CODE CONSTRUCTION
(Example)
Catalog Number :
C2012
X7R
1E
105
K
A
125
A
(Web)
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
Item Description :
C2012
X7R
1E
105
K
T
xxxx
(1)
(2)
(3)
(4)
(5)
(9)
(10)
(1) Type
Please refer to product list for the dimension of each product.
(2) Temperature Characteristics (Details are shown in table 1 No.7 and No.8 at page 5)
(3) Rated Voltage
Symbol
Rated Voltage
2 J
DC 630 V
2 W
DC 450 V
2 V
DC 350 V
2 E
DC 250 V
2 A
DC 100 V
1 H
DC 50 V
1 V
DC 35 V
1 E
DC 25 V
1 C
DC 16 V
1 A
DC 10 V
0 J
DC 6.3 V
0 G
DC
4 V
L
B
G
B
W
T
Terminal electrode
Ceramic dielectric
Internal electrode


Similar Part No. - C0402C0G1C470JT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C0402C0G1C470J TDK-C0402C0G1C470J Datasheet
1Mb / 72P
   C Series General Application
C0402C0G1C470J TDK-C0402C0G1C470J Datasheet
1Mb / 72P
   MULTILAYER CERAMIC CHIP CAPACITORS
C0402C0G1C470J TDK-C0402C0G1C470J Datasheet
1Mb / 72P
   MULTILAYER CERAMIC CHIP CAPACITORS
C0402C0G1C470J020BC TDK-C0402C0G1C470J020BC_16 Datasheet
130Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0402C0G1C470J020BC TDK-C0402C0G1C470J020BC_17 Datasheet
182Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C0402C0G1C470JT

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com