Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCE15G120T Datasheet(PDF) 7 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE15G120T
Description  1200V, 15A, Trench NPT IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE15G120T Datasheet(HTML) 7 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE15G120T Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE15G120T Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE15G120T Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE15G120T Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE15G120T Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE15G120T Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE15G120T Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
http://www.ncepower.com
Wuxi NCE Power Semiconductor Co., Ltd
Page
7
v
1.0
NCE15G120T
Pb Free Product
ATTENTION:
Any and all NCE products described or contained herein do not have specifications that can handle applications that require
extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure
can be reasonably expected to result in serious physical and/or material damage. Consult with your NCE
representative nearest you before using any NCE products described or contained herein in such applications.
NCE assumes no responsibility for equipment failures that result from using products at values that exceed, even
momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products
specifications of any and all NCE products described or contained herein.
Specifications of any and all NCE products described or contained herein stipulate the performance, characteristics, and
functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and
functions of the described products as mounted in the customer’s products or equipment. To verify symptoms and states that
cannot
be
evaluated
in
an
independent
device,
the
customer
should
always
evaluate
and
test
devices mounted in the customer’s products or equipment.
NCE Power Semiconductor CO.,LTD. strives to supply high-quality high-reliability products. However, any and all
semiconductor products fail with some probability. It is possible that these probabilistic failures could give
rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause
damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events
cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design,
redundant design, and structural design.
In the event that any or all NCE products(including technical data, services) described or contained herein are controlled
under any of applicable local export control laws and regulations, such products must not be exported without obtaining the
export license from the authorities concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including
photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission
of NCE Power Semiconductor CO.,LTD.
Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume
production. NCE believes information herein is accurate and reliable, but no guarantees are made or implied regarding its
use or any infringements of intellectual property rights or other rights of third parties.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the NCE product
that you intend to use.
This catalog provides information as of Mar. 2010. Specifications and information herein are subject to change without notice.


Similar Part No. - NCE15G120T

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE15G120P NCEPOWER-NCE15G120P Datasheet
238Kb / 7P
   1200V, 15A, Trench NPT IGBT
More results

Similar Description - NCE15G120T

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE15G120P NCEPOWER-NCE15G120P Datasheet
238Kb / 7P
   1200V, 15A, Trench NPT IGBT
NCE15GD120P NCEPOWER-NCE15GD120P Datasheet
242Kb / 8P
   1200V, 15A, Trench NPT IGBT
NCE15GD120T NCEPOWER-NCE15GD120T Datasheet
237Kb / 8P
   1200V, 15A, Trench NPT IGBT
logo
Fairchild Semiconductor
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD_07 Datasheet
658Kb / 9P
   1200V NPT Trench IGBT
logo
Unisonic Technologies
UG25N120 UTC-UG25N120 Datasheet
144Kb / 4P
   1200V NPT TRENCH IGBT
logo
SemiHow Co.,Ltd.
HIH25N120TN SEMIHOW-HIH25N120TN Datasheet
870Kb / 8P
   1200V NPT Trench IGBT
logo
Fairchild Semiconductor
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD_07 Datasheet
938Kb / 10P
   1200V NPT Trench IGBT
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD_1 Datasheet
2Mb / 10P
   1200V NPT Trench IGBT
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD Datasheet
843Kb / 9P
   1200V NPT Trench IGBT
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD Datasheet
867Kb / 9P
   1200V NPT Trench IGBT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com