Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCE15GD120T Datasheet(PDF) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE15GD120T
Description  1200V, 15A, Trench NPT IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE15GD120T Datasheet(HTML) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE15GD120T Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE15GD120T Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE15GD120T Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE15GD120T Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE15GD120T Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE15GD120T Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE15GD120T Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd NCE15GD120T Datasheet HTML 8Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
http://www.ncepower.com
Wuxi NCE Power Semiconductor Co., Ltd
Page 1
v1.0
NCE15GD120T
Pb Free Product
NCE15GD120T
1200V, 15A, Trench NPT IGBT
Features
Trench NPT( Non Punch Through) IGBT
High speed switching
Low saturation voltage: VCE(sat)=2.0V@IC=15A
High input impedance
Applications
Inductive heating, Microwave oven, Inverter, UPS, etc.
Soft switching applications
General Description
Using advanced Trench NPT technology, NCE’s 1200V
IGBTs offers superior conduction and switching performances,
and easy parallel operation with exceptional avalanche rugged-
ness. This device is designed for soft switching applications.
Absolute Maximum Ratings
Notes:
1. Repetitive rating, Pulse width limited by max. junction temperature
Symbol Description
Ratings
Units
VCES
Collector to Emitter Voltage
1200
V
VGES
Gate to Emitter Voltage
+/-30
V
Continuous Collector Current @TC=25°C
30
A
IC
Continuous Collector Current @TC=100°C
15
A
ICM(1)
Pulsed Collector Current
45
A
IF
Diode Continuous Forward Current @TC=100°C
15
IFM
Diode Maximum Forward Current
90
A
Maximum Power Dissipation @TC=25°C
220
W
PD
Maximum Power Dissipation @TC=100°C
88
W
TJ
Operating Junction Temperature
-55 to +150
°C
Tstg
Storage Temperature Range
-55 to +150
°C
TL
Maximum Lead Temp. for soldering Purposes, 1/8" from
case for 5seconds
300
°C


Similar Part No. - NCE15GD120T

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE15GD120P NCEPOWER-NCE15GD120P Datasheet
242Kb / 8P
   1200V, 15A, Trench NPT IGBT
More results

Similar Description - NCE15GD120T

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE15G120P NCEPOWER-NCE15G120P Datasheet
238Kb / 7P
   1200V, 15A, Trench NPT IGBT
NCE15G120T NCEPOWER-NCE15G120T Datasheet
233Kb / 7P
   1200V, 15A, Trench NPT IGBT
NCE15GD120P NCEPOWER-NCE15GD120P Datasheet
242Kb / 8P
   1200V, 15A, Trench NPT IGBT
logo
Fairchild Semiconductor
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD_07 Datasheet
658Kb / 9P
   1200V NPT Trench IGBT
logo
Unisonic Technologies
UG25N120 UTC-UG25N120 Datasheet
144Kb / 4P
   1200V NPT TRENCH IGBT
logo
SemiHow Co.,Ltd.
HIH25N120TN SEMIHOW-HIH25N120TN Datasheet
870Kb / 8P
   1200V NPT Trench IGBT
logo
Fairchild Semiconductor
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD_07 Datasheet
938Kb / 10P
   1200V NPT Trench IGBT
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD_1 Datasheet
2Mb / 10P
   1200V NPT Trench IGBT
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD Datasheet
843Kb / 9P
   1200V NPT Trench IGBT
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD Datasheet
867Kb / 9P
   1200V NPT Trench IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com