Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCE25GD135P Datasheet(PDF) 4 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE25GD135P
Description  1350V, 25A, Trench NPT IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE25GD135P Datasheet(HTML) 4 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE25GD135P Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE25GD135P Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE25GD135P Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE25GD135P Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE25GD135P Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE25GD135P Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE25GD135P Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd NCE25GD135P Datasheet HTML 8Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
http://www.ncepower.com
Wuxi NCE Power Semiconductor Co., Ltd
Page 4
v1.0
NCE25GD135P
Pb Free Product
Typical Performance Characteristics
Figure 1. Typical Output Characteristics
Figure 2. Typical Saturation Voltage
Characteristics
Figure 3. Saturation Voltage vs. Case
Figure 4. Saturation Voltage vs. VGE
Temperature at Variant Current Level
Figure 5. Saturation Voltage vs. VGE
Figure 6. Saturation Voltage vs. VGE
Collector Emitter Voltage, VCE(V)
Collector Emitter Voltage, VCE(V)
Case temperature, Tc(°C)
Gate Emitter Voltage, VGE( V)
Gate Emitter Voltage, VGE( V)
Gate Emitter Voltage, VGE( V)


Similar Part No. - NCE25GD135P

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE25GD135T NCEPOWER-NCE25GD135T Datasheet
323Kb / 8P
   1350V, 25A, Trench NPT IGBT
More results

Similar Description - NCE25GD135P

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE25G135T NCEPOWER-NCE25G135T Datasheet
319Kb / 7P
   1350V, 25A, Trench NPT IGBT
NCE25G135P NCEPOWER-NCE25G135P Datasheet
324Kb / 7P
   1350V, 25A, Trench NPT IGBT
NCE25GD135T NCEPOWER-NCE25GD135T Datasheet
323Kb / 8P
   1350V, 25A, Trench NPT IGBT
NCE15GD135T NCEPOWER-NCE15GD135T Datasheet
237Kb / 8P
   1350V, 15A, Trench NPT IGBT
NCE15G135P NCEPOWER-NCE15G135P Datasheet
238Kb / 7P
   1350V, 15A, Trench NPT IGBT
NCE15G135T NCEPOWER-NCE15G135T Datasheet
233Kb / 7P
   1350V, 15A, Trench NPT IGBT
NCE15GD135P NCEPOWER-NCE15GD135P Datasheet
242Kb / 8P
   1350V, 15A, Trench NPT IGBT
logo
Shenzhen Huazhimei Semi...
HM25N135FT HMSEMI-HM25N135FT Datasheet
752Kb / 9P
   1350V /25A Trench Field Stop IGBT
logo
Wuxi NCE Power Semicond...
NCE25G120T NCEPOWER-NCE25G120T Datasheet
433Kb / 8P
   1200V, 25A, Trench NPT IGBT
NCE25G120P NCEPOWER-NCE25G120P Datasheet
324Kb / 7P
   1200V, 25A, Trench NPT IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com