Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

050-105 Datasheet(PDF) 11 Page - Glenair, Inc.

Part # 050-105
Description  Copper to Fiber Ethernet Media Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-105 Datasheet(HTML) 11 Page - Glenair, Inc.

Back Button 050-105 Datasheet HTML 7Page - Glenair, Inc. 050-105 Datasheet HTML 8Page - Glenair, Inc. 050-105 Datasheet HTML 9Page - Glenair, Inc. 050-105 Datasheet HTML 10Page - Glenair, Inc. 050-105 Datasheet HTML 11Page - Glenair, Inc. 050-105 Datasheet HTML 12Page - Glenair, Inc. 050-105 Datasheet HTML 13Page - Glenair, Inc. 050-105 Datasheet HTML 14Page - Glenair, Inc. 050-105 Datasheet HTML 15Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
©2014 Glenair, Inc.
REV: C
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 11 of 15
E-mail: sales@glenair.com
050-105
Copper to Fiber Ethernet Media Converter
10/100/1000BASE-T to Fiber Optic Ethernet (SX, LX10, EX, FX)
OUTLINE DRAWING
-01 (PANEL MOUNT)
Dimensional Tolerances Unless specified otherwise:
0.x ± 0.1”
0.xx ± 0.03”
0.xxx ± 0.015”
Marking
Assembly is identified with Manufacture’s Name, Cage Code, Part Number, Date Code and Serial Number in
approximate location shown


Similar Part No. - 050-105

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-101 GLENAIR-050-101 Datasheet
260Kb / 4P
   GigaBit Ethernet Copper to Fiber Media Converter
050-103 GLENAIR-050-103 Datasheet
207Kb / 4P
   10/100/1000BASE-T to 1000BASE-SX/LX
050-104 GLENAIR-050-104 Datasheet
264Kb / 4P
   10/100/1000BASE-T to 1000BASE-SX/LX
More results

Similar Description - 050-105

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_105 GLENAIR-050_105 Datasheet
577Kb / 15P
   Copper to Fiber Ethernet Media Converter
050-101 GLENAIR-050-101 Datasheet
260Kb / 4P
   GigaBit Ethernet Copper to Fiber Media Converter
050_123 GLENAIR-050_123 Datasheet
667Kb / 13P
   Copper to Fiber Single Channel Ethernet Media Converter
050-123 GLENAIR-050-123 Datasheet
667Kb / 13P
   Copper to Fiber Single Channel Ethernet Media Converter
050_207 GLENAIR-050_207 Datasheet
713Kb / 13P
   Copper to Fiber Media Converter
050_201 GLENAIR-050_201 Datasheet
388Kb / 4P
   DVI Copper to Fiber Media Converter
050-205 GLENAIR-050-205 Datasheet
714Kb / 11P
   Copper to Fiber DVI Media Converter
050_501 GLENAIR-050_501 Datasheet
703Kb / 13P
   Copper to Fiber Aggregation Media Converter
050_205 GLENAIR-050_205 Datasheet
714Kb / 11P
   Copper to Fiber DVI Media Converter
050-201 GLENAIR-050-201 Datasheet
388Kb / 4P
   DVI Copper to Fiber Media Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com