Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC817 Datasheet(PDF) 3 Page - AUK corp

Part # BC817
Description  NPN Silicon Transistor (High current application Switching application)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

BC817 Datasheet(HTML) 3 Page - AUK corp

  BC817 Datasheet HTML 1Page - AUK corp BC817 Datasheet HTML 2Page - AUK corp BC817 Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
KST-2003-000
3
2SC5344SF
BC817
Electrical Characteristic Curves
Fig. 2 I
C
- V
BE
Fig. 3 I
C
- V
CE
Fig. 4 V
CE(sat)
- I
C
Fig. 5 h
FE
-
I
C
Fig. 1 P
C
- T
a


Similar Part No. - BC817

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
BC817 SHUNYE-BC817 Datasheet
91Kb / 2P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
NXP Semiconductors
BC817 PHILIPS-BC817 Datasheet
47Kb / 8P
   NPN general purpose transistor
1999 Jun 01
logo
Fairchild Semiconductor
BC817 FAIRCHILD-BC817 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
logo
Dongguan Pingjingsemi T...
BC817 PJSEMI-BC817 Datasheet
366Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
BC817 KODENSHI-BC817 Datasheet
260Kb / 4P
   High current application
More results

Similar Description - BC817

ManufacturerPart #DatasheetDescription
logo
AUK corp
BC818F AUK-BC818F Datasheet
80Kb / 3P
   NPN Silicon Transistor (High current application Switching application)
BC817F AUK-BC817F Datasheet
80Kb / 3P
   NPN Silicon Transistor (High current application Switching application)
BC818 AUK-BC818 Datasheet
80Kb / 3P
   NPN Silicon Transistor (High current application Switching application)
BC807 AUK-BC807 Datasheet
83Kb / 3P
   PNP Silicon Transistor (High current application Switching application)
BC807F AUK-BC807F Datasheet
82Kb / 3P
   PNP Silicon Transistor (High current application Switching application)
BC808 AUK-BC808 Datasheet
82Kb / 3P
   PNP Silicon Transistor (High current application Switching application)
BC808F AUK-BC808F Datasheet
82Kb / 3P
   PNP Silicon Transistor (High current application Switching application)
BC847 AUK-BC847 Datasheet
87Kb / 3P
   NPN Silicon Transistor (General purpose application Switching application)
BC847UF AUK-BC847UF Datasheet
87Kb / 3P
   NPN Silicon Transistor (General purpose application Switching application)
BC848UF AUK-BC848UF Datasheet
82Kb / 3P
   NPN Silicon Transistor (General purpose application Switching application)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com