Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

050-115 Datasheet(PDF) 10 Page - Glenair, Inc.

Part # 050-115
Description  Media Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-115 Datasheet(HTML) 10 Page - Glenair, Inc.

Back Button 050-115 Datasheet HTML 5Page - Glenair, Inc. 050-115 Datasheet HTML 6Page - Glenair, Inc. 050-115 Datasheet HTML 7Page - Glenair, Inc. 050-115 Datasheet HTML 8Page - Glenair, Inc. 050-115 Datasheet HTML 9Page - Glenair, Inc. 050-115 Datasheet HTML 10Page - Glenair, Inc. 050-115 Datasheet HTML 11Page - Glenair, Inc. 050-115 Datasheet HTML 12Page - Glenair, Inc. 050-115 Datasheet HTML 13Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
©2014 Glenair, Inc.
REV: 2
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 10 of 13
E-mail: sales@glenair.com
050-115
Media Converter, Single or Dual Channel, Panel Mount
10/100/1000BASE-T to CWDM Fiber Optic Ethernet
Material/Finish
Mater
ial/Fi
nish
Item
Material/Finish
Housing & Connector Shell
Aluminum
Plating Finish: M
Nickel
Plating Finish: MT
Nickel PTFE
Plating Finish: NF
Olive Drab Cadmium
Contacts
Copper alloy, 50 μInch gold plated
D38999 Inserts
Thermoplastics
Interfacial Seals, 38999 only
Elastomer, Fluorosilicon
Optical Ferrules & Sleeves
Zirconia, Ceramic
Insulators
Liquid crystal polymer (LCP)
Contact retention clip
Beryllium copper alloy
Seal, O-rings
Fluorosilicone rubber
Seal
Silicone elastomer
Spring
Nickel-plated beryllium copper
PC tail contacts
Copper alloy/gold plated
PCB flex
FR4 & Polyimide
Encapsulant
HYSOL EE4215
Solder type
RoHS compliant Sn95/Sb5 (232°C melting temp) &
RoHS compliant Sn96.5/Ag3.0/Cu0.5 (217° melting)


Similar Part No. - 050-115

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-110 GLENAIR-050-110 Datasheet
758Kb / 13P
   Media Converter
050-112 GLENAIR-050-112 Datasheet
607Kb / 15P
   Media Converter
050-113 GLENAIR-050-113 Datasheet
627Kb / 15P
   Media Converter
050-119 GLENAIR-050-119 Datasheet
635Kb / 15P
   4-Port Unmanaged Ethernet Switch
More results

Similar Description - 050-115

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_113 GLENAIR-050_113 Datasheet
627Kb / 15P
   Media Converter
050-110 GLENAIR-050-110 Datasheet
758Kb / 13P
   Media Converter
050-112 GLENAIR-050-112 Datasheet
607Kb / 15P
   Media Converter
050-113 GLENAIR-050-113 Datasheet
627Kb / 15P
   Media Converter
050_115 GLENAIR-050_115 Datasheet
588Kb / 13P
   Media Converter
logo
Bel Fuse Inc.
T2F-DTL002-24V BEL-T2F-DTL002-24V Datasheet
760Kb / 2P
   Media Converter
logo
Red Lion Controls. Inc
302MC REDLION-302MC Datasheet
440Kb / 3P
   Industrial Media Converter
102MC REDLION-102MC Datasheet
554Kb / 3P
   Industrial Media Converter
logo
Level One
FVS-GVS-3800 LVL1-FVS-GVS-3800 Datasheet
1Mb / 3P
   Ethernet Media Converter
logo
ORing Industrial Networ...
IMC-P111FX ORING-IMC-P111FX Datasheet
706Kb / 5P
   Fiber media converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com