Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

050-115 Datasheet(PDF) 3 Page - Glenair, Inc.

Part # 050-115
Description  Media Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-115 Datasheet(HTML) 3 Page - Glenair, Inc.

  050-115 Datasheet HTML 1Page - Glenair, Inc. 050-115 Datasheet HTML 2Page - Glenair, Inc. 050-115 Datasheet HTML 3Page - Glenair, Inc. 050-115 Datasheet HTML 4Page - Glenair, Inc. 050-115 Datasheet HTML 5Page - Glenair, Inc. 050-115 Datasheet HTML 6Page - Glenair, Inc. 050-115 Datasheet HTML 7Page - Glenair, Inc. 050-115 Datasheet HTML 8Page - Glenair, Inc. 050-115 Datasheet HTML 9Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
©2014 Glenair, Inc.
REV: 2
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 3 of 13
E-mail: sales@glenair.com
050-115
Media Converter, Single or Dual Channel, Panel Mount
10/100/1000BASE-T to CWDM Fiber Optic Ethernet
Functional Block Diagram
SINGLE OR DUAL MEDIA CONVERTER
Note: Fiber Optic Channels can be 1000BASE-CWDM according to the wavelengths described in the
following table
Other Fiber Optic connections are possible – Contact Factory
Central Wavelength Table
Part Number Development - Wavelength Identifier
Central Wavelength (nm)
L1
1271
L2
1291
L3
1311
L4
1331
L5
1351
L6
1371
L7
1391
L8
1411
NP
NP = Not Populated (none)
Note: This table is used to define the wavelengths for Channel 1 and Channel 2. If Channel 2 is not
populated then use “NP” designator. The first 2 letters designate Channel 1 and the second 2 letters
designate Channel 2. Channel 1 must always be populated.
Example) “L1L2” in the part number development designates central wavelength for:
Channel 1 (first 2 letters are L1 = 1271nm)
Channel 2 (second 2 letters are L2 =1291nm)


Similar Part No. - 050-115

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-110 GLENAIR-050-110 Datasheet
758Kb / 13P
   Media Converter
050-112 GLENAIR-050-112 Datasheet
607Kb / 15P
   Media Converter
050-113 GLENAIR-050-113 Datasheet
627Kb / 15P
   Media Converter
050-119 GLENAIR-050-119 Datasheet
635Kb / 15P
   4-Port Unmanaged Ethernet Switch
More results

Similar Description - 050-115

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_113 GLENAIR-050_113 Datasheet
627Kb / 15P
   Media Converter
050-110 GLENAIR-050-110 Datasheet
758Kb / 13P
   Media Converter
050-112 GLENAIR-050-112 Datasheet
607Kb / 15P
   Media Converter
050-113 GLENAIR-050-113 Datasheet
627Kb / 15P
   Media Converter
050_115 GLENAIR-050_115 Datasheet
588Kb / 13P
   Media Converter
logo
Bel Fuse Inc.
T2F-DTL002-24V BEL-T2F-DTL002-24V Datasheet
760Kb / 2P
   Media Converter
logo
Red Lion Controls. Inc
302MC REDLION-302MC Datasheet
440Kb / 3P
   Industrial Media Converter
102MC REDLION-102MC Datasheet
554Kb / 3P
   Industrial Media Converter
logo
Level One
FVS-GVS-3800 LVL1-FVS-GVS-3800 Datasheet
1Mb / 3P
   Ethernet Media Converter
logo
ORing Industrial Networ...
IMC-P111FX ORING-IMC-P111FX Datasheet
706Kb / 5P
   Fiber media converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com