Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

050-205 Datasheet(PDF) 5 Page - Glenair, Inc.

Part # 050-205
Description  Copper to Fiber DVI Media Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-205 Datasheet(HTML) 5 Page - Glenair, Inc.

  050-205 Datasheet HTML 1Page - Glenair, Inc. 050-205 Datasheet HTML 2Page - Glenair, Inc. 050-205 Datasheet HTML 3Page - Glenair, Inc. 050-205 Datasheet HTML 4Page - Glenair, Inc. 050-205 Datasheet HTML 5Page - Glenair, Inc. 050-205 Datasheet HTML 6Page - Glenair, Inc. 050-205 Datasheet HTML 7Page - Glenair, Inc. 050-205 Datasheet HTML 8Page - Glenair, Inc. 050-205 Datasheet HTML 9Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
©2014 Glenair, Inc.
REV: 3
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 5 of 11
E-mail: sales@glenair.com
050-205
DVI Copper to Fiber Media Converter
D38999 (Signal, Power, BIT), D38999 (Fiber Optic)
Built In Test (BIT) Functionality – UART
This media converter can be offered with built in test functionality accessible via an RS-422 Port. Functional block
diagram for this function is illustrated in the figure below. The UART Bit message is a 10 bit message with an update rate
of 1 Hz. The message format is illustrated be seen below.
ALARM STATUS MESSAGES
Fiber Transmitter Fault Status
Fiber Receiver Los of Signal (LOS) Status
SERIAL STATUS MESSAGE BIT MAPPING
Bit
Description
0
TMDS0, Blue, Fiber Optic TX Fault (1 = Fault, 0 = No Fault)
1
TMDS1, Green, Fiber Optic TX Fault (1 = Fault, 0 = No Fault)
2
TMDS2, Red, Fiber Optic TX Fault (1 = Fault, 0 = No Fault)
3
TMDS3, Clock, Fiber Optic TX Fault (1 = Fault, 0 = No Fault)
4
TMDS0, Blue, Fiber Optic RX LOS (1 = Fault, 0 = No Fault)
5
TMDS1, Green, Fiber Optic RX LOS (1 = Fault, 0 = No Fault)
6
TMDS2, Red, Fiber Optic RX LOS (1 = Fault, 0 = No Fault)
7
TMDS3, Clock, Fiber Optic RX LOS (1 = Fault, 0 = No Fault)


Similar Part No. - 050-205

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-201 GLENAIR-050-201 Datasheet
388Kb / 4P
   DVI Copper to Fiber Media Converter
050-206 GLENAIR-050-206 Datasheet
779Kb / 15P
   Dual-DVI Copper to Fiber Media Converter
050-207 GLENAIR-050-207 Datasheet
713Kb / 13P
   4 Channel SMPTE
More results

Similar Description - 050-205

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_201 GLENAIR-050_201 Datasheet
388Kb / 4P
   DVI Copper to Fiber Media Converter
050_205 GLENAIR-050_205 Datasheet
714Kb / 11P
   Copper to Fiber DVI Media Converter
050-201 GLENAIR-050-201 Datasheet
388Kb / 4P
   DVI Copper to Fiber Media Converter
050-206 GLENAIR-050-206 Datasheet
779Kb / 15P
   Dual-DVI Copper to Fiber Media Converter
050_206 GLENAIR-050_206 Datasheet
779Kb / 15P
   Dual-DVI Copper to Fiber Media Converter
050_207 GLENAIR-050_207 Datasheet
713Kb / 13P
   Copper to Fiber Media Converter
050-105 GLENAIR-050-105 Datasheet
577Kb / 15P
   Copper to Fiber Ethernet Media Converter
050_501 GLENAIR-050_501 Datasheet
703Kb / 13P
   Copper to Fiber Aggregation Media Converter
050_105 GLENAIR-050_105 Datasheet
577Kb / 15P
   Copper to Fiber Ethernet Media Converter
050-501 GLENAIR-050-501 Datasheet
703Kb / 13P
   Copper to Fiber Aggregation Media Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com