Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

050-205 Datasheet(PDF) 6 Page - Glenair, Inc.

Part # 050-205
Description  Copper to Fiber DVI Media Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-205 Datasheet(HTML) 6 Page - Glenair, Inc.

Back Button 050-205 Datasheet HTML 2Page - Glenair, Inc. 050-205 Datasheet HTML 3Page - Glenair, Inc. 050-205 Datasheet HTML 4Page - Glenair, Inc. 050-205 Datasheet HTML 5Page - Glenair, Inc. 050-205 Datasheet HTML 6Page - Glenair, Inc. 050-205 Datasheet HTML 7Page - Glenair, Inc. 050-205 Datasheet HTML 8Page - Glenair, Inc. 050-205 Datasheet HTML 9Page - Glenair, Inc. 050-205 Datasheet HTML 10Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
©2014 Glenair, Inc.
REV: 3
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 6 of 11
E-mail: sales@glenair.com
050-205
DVI Copper to Fiber Media Converter
D38999 (Signal, Power, BIT), D38999 (Fiber Optic)
Ratings and Specifications – L Version (Long Wavelength)
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Typ
Max
Units
Notes
Storage Temperature
Ts
-55
+100
°C
Supply Voltage
Vcc
-0.5
45
V
1 second maximum
OPERATING CONDITIONS
Parameter
Symbol
Min
Typ
Max
Units
Notes
Operating Temperature
Top
-40
+85
°C
Supply Voltage
Vcc
18
28
36
V
Supply Current
Icc
100
150
mA
@28VDC
OPTICAL CHARACTERISTICS – TRANSMITTER
Parameter
Symbol
Min
Typ
Max
Units
Notes
Optical Output Power
POUT
-8
-4
-1
dBm
1310nm Fabry-Perot
Optical Wavelength
λ
OUT
1280
1310
1345
nm
Spectral Width
Δλ
2.75
nm
OPTICAL CHARACTERISTICS – RECEIVER
Parameter
Symbol
Min
Typ
Max
Units
Notes
Min. Sensitivity, BER 10
-12, PRBS 2-7-1,
2.5 Gbps, Er=10dB
PIN_MIN
-22
-20
dBm
Overload, BER 10
-12, PRBS 2-7-1
PIN MAX
-1
dBm
Optical Wavelength
λ
IN
1270
1310
1600
nm


Similar Part No. - 050-205

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-201 GLENAIR-050-201 Datasheet
388Kb / 4P
   DVI Copper to Fiber Media Converter
050-206 GLENAIR-050-206 Datasheet
779Kb / 15P
   Dual-DVI Copper to Fiber Media Converter
050-207 GLENAIR-050-207 Datasheet
713Kb / 13P
   4 Channel SMPTE
More results

Similar Description - 050-205

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_201 GLENAIR-050_201 Datasheet
388Kb / 4P
   DVI Copper to Fiber Media Converter
050_205 GLENAIR-050_205 Datasheet
714Kb / 11P
   Copper to Fiber DVI Media Converter
050-201 GLENAIR-050-201 Datasheet
388Kb / 4P
   DVI Copper to Fiber Media Converter
050-206 GLENAIR-050-206 Datasheet
779Kb / 15P
   Dual-DVI Copper to Fiber Media Converter
050_206 GLENAIR-050_206 Datasheet
779Kb / 15P
   Dual-DVI Copper to Fiber Media Converter
050_207 GLENAIR-050_207 Datasheet
713Kb / 13P
   Copper to Fiber Media Converter
050-105 GLENAIR-050-105 Datasheet
577Kb / 15P
   Copper to Fiber Ethernet Media Converter
050_501 GLENAIR-050_501 Datasheet
703Kb / 13P
   Copper to Fiber Aggregation Media Converter
050_105 GLENAIR-050_105 Datasheet
577Kb / 15P
   Copper to Fiber Ethernet Media Converter
050-501 GLENAIR-050-501 Datasheet
703Kb / 13P
   Copper to Fiber Aggregation Media Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com