Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

050-329 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 050-329
Description  Glenair PCB Mount Transceiver Evaluation Board
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-329 Datasheet(HTML) 1 Page - Glenair, Inc.

  050-329 Datasheet HTML 1Page - Glenair, Inc. 050-329 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497 ∙ TEL: 818-247-6000 ∙ FAX: 818-500-9912
www.glenair.com
PAGE 1 of 2
E-mail: sales@glenair.com
050-329 Rev 14.1
050-329
Glenair PCB Mount Transceiver Evaluation Board
Description
The 050-329 Evaluation boards can be used to evaluate multiple types of Glenair PCB Mount Optical
transceivers (UUT). The evaluation board has been designed for high data rate operation and
incorporates 4 SMA connectors that interface with high speed 100 ohm differential lines which can
support testing products up to 10Gbps data rates for both multi-mode and single mode applications.
The evaluation board is designed as an interface to allow evaluation of the Optical Transmitter and the
Optical receiver on the board mount transceiver module. Devices are powered through the 3.3V and
GND connections.
For the transmitter, Fault condition (TX-Fault) can be monitored via a test point and the Transmitter
disable (TX-Disable) can be controlled via a Jumper.
For the receiver, loss of signal (LOS) state can be monitored via a test point.
How to Order
The 050-329 evaluation board is a versatile general purpose test board that can be used to test many
models of PCB Mount transceivers. The test board has been designed to have high speed electrical I/O
that is supportive of a few Mbps to 12.5Gbps. The part number development is described below.


Similar Part No. - 050-329

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-320 GLENAIR-050-320 Datasheet
487Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
050-321 GLENAIR-050-321 Datasheet
481Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-324 GLENAIR-050-324 Datasheet
492Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
logo
ITT Industries
050-324-7308229 ITT-050-324-7308229 Datasheet
489Kb / 42P
   RF Coaxial Connectors
050-324-7309229 ITT-050-324-7309229 Datasheet
489Kb / 42P
   RF Coaxial Connectors
More results

Similar Description - 050-329

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_329 GLENAIR-050_329 Datasheet
195Kb / 2P
   Glenair PCB Mount Transceiver Evaluation Board
050-334 GLENAIR-050-334 Datasheet
198Kb / 2P
   PCB Mount Dual Transceiver Evaluation Board Manual
050_334 GLENAIR-050_334 Datasheet
198Kb / 2P
   PCB Mount Dual Transceiver Evaluation Board Manual
050_330 GLENAIR-050_330 Datasheet
214Kb / 2P
   Glenair PCB Mount Dual Transmitter
050-338 GLENAIR-050-338 Datasheet
221Kb / 2P
   PCB Mount Evaluation Board Manual
050-330 GLENAIR-050-330 Datasheet
214Kb / 2P
   Glenair PCB Mount Dual Transmitter
050_338 GLENAIR-050_338 Datasheet
221Kb / 2P
   PCB Mount Evaluation Board Manual
050-324 GLENAIR-050-324 Datasheet
492Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-328 GLENAIR-050-328 Datasheet
501Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-327 GLENAIR-050-327 Datasheet
519Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com