Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

050-336 Datasheet(PDF) 10 Page - Glenair, Inc.

Part # 050-336
Description  PRINTED CIRCUIT BOARD (PCB) MOUNT QUAD TRANSMITTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-336 Datasheet(HTML) 10 Page - Glenair, Inc.

Back Button 050-336 Datasheet HTML 5Page - Glenair, Inc. 050-336 Datasheet HTML 6Page - Glenair, Inc. 050-336 Datasheet HTML 7Page - Glenair, Inc. 050-336 Datasheet HTML 8Page - Glenair, Inc. 050-336 Datasheet HTML 9Page - Glenair, Inc. 050-336 Datasheet HTML 10Page - Glenair, Inc. 050-336 Datasheet HTML 11Page - Glenair, Inc. 050-336 Datasheet HTML 12Page - Glenair, Inc. 050-336 Datasheet HTML 13Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
©2014 Glenair, Inc.
REV: 5
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 10 of 13
E-mail: sales@glenair.com
050-336 Product Brief
PCB Mount Quad Transmitter
100 Mbps – 5 Gbps, MMF, 3.3V
Required Host Board Components
A power supply noise rejection filter as describe in SFP MSA is required on the host PCB to meet data sheet
performance. This is the same filter
incorporates an inductor which should be rated 400 mADC and 1 Ω series resistance
or better. It should not be replaced with a ferrite. The required filter is illustrated in Figure 5. Also, the host PCB for the
PCB mount transceiver r
equires 4.7 K to 10 KΩ pull-up resistors for TX_FAULT, SCA and SDL lines.
FIGURE 5 – RECOMMENDED HOST BOARD POWER SUPPLY FILTERING CIRCUIT
SINGLE TRANSMITTER SHOWN (X4 TRANSMITTERS PER MODULE)
Fiber Compatibility
The transmitter
is capable of transmission at 2 to 550 meters with 50/125 μm fiber, and at 2 to 275 meters with 62.5/125
μm fiber, for 1.25 GBd Ethernet. It is capable of transmission up to 550m with 50/125 μm fiber and up to 300m with
62.5/125 μm fiber, for 1.0625 GBd Fiber Channel.
Electrostatic Discharge (ESD)
The transmitter is compatible with ESD levels found in typical manufacturing and operating environments as described
JDEC/EIAJESD22-A114-A, Class 1 (<2000Volts) HBM. Glenair recommends that devices are handled with ESD
precautions to limit exposure to below 500V HBM.
There are two design cases in which immunity to ESD damage is important. The first case is during handling of the
transmitter prior to insertion to the host board. To protect the unit, it’s important to use standard industry ESD handling
precautions. These precautions include using grounded wrist straps, work benches, and floor mats in ESD controlled
areas. The ESD sensitivity of the Glenair PCB mount transceiver is compatible with typical industry production
environments.
The second case to consider is static discharges to the exterior of the host equipment after installation, in which case the
transmitter may be subject to system-level ESD requirements.


Similar Part No. - 050-336

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-330 GLENAIR-050-330 Datasheet
214Kb / 2P
   Glenair PCB Mount Dual Transmitter
050-331 GLENAIR-050-331 Datasheet
682Kb / 16P
   PC BOARD MOUNT DUAL-TRANSMITTER
050-332 GLENAIR-050-332 Datasheet
708Kb / 16P
   SMPTE HD-SDI AND 3G-SDI
050-333 GLENAIR-050-333 Datasheet
415Kb / 13P
   PRINTED CIRCUIT BOARD (PCB) MOUNT DUAL TRANSCEIVER
050-334 GLENAIR-050-334 Datasheet
198Kb / 2P
   PCB Mount Dual Transceiver Evaluation Board Manual
More results

Similar Description - 050-336

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_336 GLENAIR-050_336 Datasheet
403Kb / 13P
   PRINTED CIRCUIT BOARD (PCB) MOUNT QUAD TRANSMITTER
050_337 GLENAIR-050_337 Datasheet
415Kb / 11P
   PRINTED CIRCUIT BOARD (PCB) MOUNT QUAD RECEIVER
050-337 GLENAIR-050-337 Datasheet
415Kb / 11P
   PRINTED CIRCUIT BOARD (PCB) MOUNT QUAD RECEIVER
050_340 GLENAIR-050_340 Datasheet
444Kb / 14P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
050-340 GLENAIR-050-340 Datasheet
444Kb / 14P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
050-320 GLENAIR-050-320 Datasheet
487Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
050-324 GLENAIR-050-324 Datasheet
492Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-328 GLENAIR-050-328 Datasheet
501Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-327 GLENAIR-050-327 Datasheet
519Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-352 GLENAIR-050-352 Datasheet
491Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com