Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS3842BGN8 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS3842BGN8
Description  Off-Line Current Mode PWM Control Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS3842BGN8 Datasheet(HTML) 3 Page - ON Semiconductor

  CS3842BGN8 Datasheet HTML 1Page - ON Semiconductor CS3842BGN8 Datasheet HTML 2Page - ON Semiconductor CS3842BGN8 Datasheet HTML 3Page - ON Semiconductor CS3842BGN8 Datasheet HTML 4Page - ON Semiconductor CS3842BGN8 Datasheet HTML 5Page - ON Semiconductor CS3842BGN8 Datasheet HTML 6Page - ON Semiconductor CS3842BGN8 Datasheet HTML 7Page - ON Semiconductor CS3842BGN8 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Electrical Characteristics: continued
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
CS-3842B
CS-3843B
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX UNITS
Notes:
1. Adjust VCC above the start threshold before setting at 15V.
2. These parameters, although guaranteed, are not 100% tested
in production.
3. Parameter measured at trip point of latch with VFB=0.
4. Gain defined as:
A =
; 0
≤ V
Sense ≤ 0.8V.
∆V
COMP
∆V
Sense
Package Pin Description
PACKAGE PIN #
PIN SYMBOL
FUNCTION
8L PDIP/SO
14L SO Narrow
1
1
COMP
Error amp output, used to compensate error amplifier
23
VFB
Error amp inverting input
3
5
Sense
Noninverting input to Current Sense Comparator
4
7
OSC
Oscillator Timing Network with Capacitor to Ground, resistor
to VREF
5
8
Gnd
Ground
9
Pwr Gnd
Output driver Ground
610
VOUT
Output drive pin
11
VCCPwr
Output driver positive supply
712
VCC
Positive power supply
814
VREF
Output of 5V internal reference
2,4,6,13
NC
No Connection
s Output Section: continued
Rise Time
TJ=25°C, CL=1nF (Note 2)
50
150
ns
Fall Time
TJ=25°C, CL=1nF (Note 2)
50
150
ns
Output Leakage
UVLO Active, VOUT=0
-0.01
-10.00
µA
s Total Standby Current
Start-Up Current
0.3
0.5
mA
Operating Supply Current
VFB=VSense=0V RT=10kΩ, CT=3.3nF
11
17
mA
VCC Zener Voltage
ICC=25mA
34
V
s Under-Voltage Lockout Section
Start Threshold
14.5
16.0
17.5
7.8
8.4
9.0
V
Min. Operating
After Turn On
8.5
10.0
11.5
7.0
7.6
8.2
V
Voltage


Similar Part No. - CS3842BGN8

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS3842BGN8 CHERRY-CS3842BGN8 Datasheet
154Kb / 6P
   Off-Line Current Mode PWM Control Circuit Off-Line Current Mode PWM Control Circuit
More results

Similar Description - CS3842BGN8

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS3842B CHERRY-CS3842B Datasheet
154Kb / 6P
   Off-Line Current Mode PWM Control Circuit Off-Line Current Mode PWM Control Circuit
logo
ON Semiconductor
CS2842A ONSEMI-CS2842A Datasheet
273Kb / 10P
   Off-Line Current Mode PWM Control Circuit with Undervoltage Lockout
July, 2006 ??Rev. 4
logo
Cherry Semiconductor Co...
CS2842A CHERRY-CS2842A Datasheet
156Kb / 6P
   Off-Line Current Mode PWM Control Circuit with Undervoltage Lockout
CS52843 CHERRY-CS52843 Datasheet
147Kb / 6P
   Current Mode PWM Control Circuit
logo
ON Semiconductor
CS52843 ONSEMI-CS52843 Datasheet
240Kb / 9P
   Current Mode PWM Control Circuit
July, 2006 ??Rev. 4
CS3845B ONSEMI-CS3845B Datasheet
63Kb / 8P
   Current Mode PWM Control Circuit
December, 2001 - Rev. 7
CS2844 ONSEMI-CS2844 Datasheet
162Kb / 12P
   Current Mode PWM Control Circuit
June, 2001 ??Rev. 3
CS2841B ONSEMI-CS2841B Datasheet
100Kb / 10P
   Automotive Current Mode PWM Control Circuit
September, 2005 ??Rev. 7
logo
Cherry Semiconductor Co...
CS2841B CHERRY-CS2841B Datasheet
162Kb / 6P
   Automotive Current Mode PWM Control Circuit
logo
ON Semiconductor
NCP1251 ONSEMI-NCP1251 Datasheet
275Kb / 24P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com