Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS3842BGN8 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS3842BGN8
Description  Off-Line Current Mode PWM Control Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS3842BGN8 Datasheet(HTML) 4 Page - ON Semiconductor

  CS3842BGN8 Datasheet HTML 1Page - ON Semiconductor CS3842BGN8 Datasheet HTML 2Page - ON Semiconductor CS3842BGN8 Datasheet HTML 3Page - ON Semiconductor CS3842BGN8 Datasheet HTML 4Page - ON Semiconductor CS3842BGN8 Datasheet HTML 5Page - ON Semiconductor CS3842BGN8 Datasheet HTML 6Page - ON Semiconductor CS3842BGN8 Datasheet HTML 7Page - ON Semiconductor CS3842BGN8 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Undervoltage Lockout
During Undervoltage Lockout (Figure 1), the output driv-
er is biased to a high impedance state. VOUT should be
shunted to ground with a resistor to prevent output leak-
age current from activating the power switch.
PWM Waveform
To generate the PWM waveform, the control voltage from
the error amplifier is compared to a current sense signal
which represents the peak output inductor current
(Figure 2). An increase in VCC causes the inductor current
slope to increase, thus reducing the duty cycle. This is an
inherent feed-forward characteristic of current mode con-
trol, since the control voltage does not have to change
during changes of input supply voltage.
When the power supply sees a sudden large output cur-
rent increase, the control voltage will increase allowing
the duty cycle to momentarily increase. Since the duty
4
Test Circuit
VREF
VCC
VOUT
1k
1W
0.1
µF
0.1
µF
VREF
VCC
VOUT
Gnd
VFB
Sense
OSC
COMP
5k
100k
4.7k
1k
ERROR AMP
ADJUST
4.7k
Sense
ADJUST
RT
2N2222
CT
Gnd
A
CS-3842B
CS-3843B
Circuit Description
Typical Performance Characteristics:
Oscillator Duty Cycle vs RT
Oscillator Frequency vs CT
VCC
ON/OFF Command
to reset of IC
VON
16V
8.4V
VOFF
10V
7.6V
CS3842B CS3843B
<0.5mA
<15mA
VON VOFF
ICC
VCC
Figure 1: Typical Undervoltage Characteristics
.0005
.001
.002
.003
.005
.01
.02
.03
.04
800
900
CT (µF)
700
600
500
400
300
200
100
.05
RT =1.5kΩ
RT =680Ω
RT =10kΩ
100
200
700
1k
2k
5k
7k
10k
80
90
RT (Ω)
70
60
50
40
30
20
10
4k
3k
500
400
300
100


Similar Part No. - CS3842BGN8

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS3842BGN8 CHERRY-CS3842BGN8 Datasheet
154Kb / 6P
   Off-Line Current Mode PWM Control Circuit Off-Line Current Mode PWM Control Circuit
More results

Similar Description - CS3842BGN8

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS3842B CHERRY-CS3842B Datasheet
154Kb / 6P
   Off-Line Current Mode PWM Control Circuit Off-Line Current Mode PWM Control Circuit
logo
ON Semiconductor
CS2842A ONSEMI-CS2842A Datasheet
273Kb / 10P
   Off-Line Current Mode PWM Control Circuit with Undervoltage Lockout
July, 2006 ??Rev. 4
logo
Cherry Semiconductor Co...
CS2842A CHERRY-CS2842A Datasheet
156Kb / 6P
   Off-Line Current Mode PWM Control Circuit with Undervoltage Lockout
CS52843 CHERRY-CS52843 Datasheet
147Kb / 6P
   Current Mode PWM Control Circuit
logo
ON Semiconductor
CS52843 ONSEMI-CS52843 Datasheet
240Kb / 9P
   Current Mode PWM Control Circuit
July, 2006 ??Rev. 4
CS3845B ONSEMI-CS3845B Datasheet
63Kb / 8P
   Current Mode PWM Control Circuit
December, 2001 - Rev. 7
CS2844 ONSEMI-CS2844 Datasheet
162Kb / 12P
   Current Mode PWM Control Circuit
June, 2001 ??Rev. 3
CS2841B ONSEMI-CS2841B Datasheet
100Kb / 10P
   Automotive Current Mode PWM Control Circuit
September, 2005 ??Rev. 7
logo
Cherry Semiconductor Co...
CS2841B CHERRY-CS2841B Datasheet
162Kb / 6P
   Automotive Current Mode PWM Control Circuit
logo
ON Semiconductor
NCP1251 ONSEMI-NCP1251 Datasheet
275Kb / 24P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com