Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

050-501 Datasheet(PDF) 11 Page - Glenair, Inc.

Part # 050-501
Description  Copper to Fiber Aggregation Media Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-501 Datasheet(HTML) 11 Page - Glenair, Inc.

Back Button 050-501 Datasheet HTML 5Page - Glenair, Inc. 050-501 Datasheet HTML 6Page - Glenair, Inc. 050-501 Datasheet HTML 7Page - Glenair, Inc. 050-501 Datasheet HTML 8Page - Glenair, Inc. 050-501 Datasheet HTML 9Page - Glenair, Inc. 050-501 Datasheet HTML 10Page - Glenair, Inc. 050-501 Datasheet HTML 11Page - Glenair, Inc. 050-501 Datasheet HTML 12Page - Glenair, Inc. 050-501 Datasheet HTML 13Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
©2014 Glenair, Inc.
REV: 2
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 11 of 13
E-mail: sales@glenair.com
050-501
Copper to Fiber 12 Channel RS422/485 Media Converter
Flange Mount
FLANGE Mouting Holes
Marking
Marking
Assembly is identified with Manufacture’s Name, Cage Code, Part Number, Date Code and Serial Number in
approximate location shown.
Drawing and location Not to Scale.
Marking will conform to MIL-STD-130 (Arial font, 0.08” minimum height)
Glenair
06324
050-501-S-MT00AN
1434
SN 123456


Similar Part No. - 050-501

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
050-57-9702 MOLEX3-050-57-9702 Datasheet
124Kb / 2P
   2.54mm (.100") SL??Crimp Housing, Single Row, Version N, TPA??with Positive Latch, 2 Circuits
050-57-9703 MOLEX3-050-57-9703 Datasheet
123Kb / 2P
   2.54mm (.100") SL Crimp Housing, Single Row, Version N, TPA with Positive Latch, 3 Circuits
050-57-9704 MOLEX3-050-57-9704 Datasheet
124Kb / 2P
   2.54mm (.100") SL??Crimp Housing, Single Row, Version N, TPA??with Positive Latch, 4 Circuits
050-57-9705 MOLEX3-050-57-9705 Datasheet
124Kb / 2P
   2.54mm (.100") SL Crimp Housing, Single Row, Version N, TPA with Positive Latch, 5 Circuits
050-57-9706 MOLEX3-050-57-9706 Datasheet
124Kb / 2P
   2.54mm (.100") SL Crimp Housing, Single Row, Version N, TPA??with Positive Latch, 6 Circuits
More results

Similar Description - 050-501

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_501 GLENAIR-050_501 Datasheet
703Kb / 13P
   Copper to Fiber Aggregation Media Converter
050_207 GLENAIR-050_207 Datasheet
713Kb / 13P
   Copper to Fiber Media Converter
050-105 GLENAIR-050-105 Datasheet
577Kb / 15P
   Copper to Fiber Ethernet Media Converter
050_201 GLENAIR-050_201 Datasheet
388Kb / 4P
   DVI Copper to Fiber Media Converter
050-205 GLENAIR-050-205 Datasheet
714Kb / 11P
   Copper to Fiber DVI Media Converter
050_105 GLENAIR-050_105 Datasheet
577Kb / 15P
   Copper to Fiber Ethernet Media Converter
050_205 GLENAIR-050_205 Datasheet
714Kb / 11P
   Copper to Fiber DVI Media Converter
050-201 GLENAIR-050-201 Datasheet
388Kb / 4P
   DVI Copper to Fiber Media Converter
050-101 GLENAIR-050-101 Datasheet
260Kb / 4P
   GigaBit Ethernet Copper to Fiber Media Converter
050-206 GLENAIR-050-206 Datasheet
779Kb / 15P
   Dual-DVI Copper to Fiber Media Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com