Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC74735YW Datasheet(PDF) 6 Page - ON Semiconductor

Part # LC74735YW
Description  Mini Buck Converter for RF Power Amplifiers
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC74735YW Datasheet(HTML) 6 Page - ON Semiconductor

Back Button LC74735YW Datasheet HTML 2Page - ON Semiconductor LC74735YW Datasheet HTML 3Page - ON Semiconductor LC74735YW Datasheet HTML 4Page - ON Semiconductor LC74735YW Datasheet HTML 5Page - ON Semiconductor LC74735YW Datasheet HTML 6Page - ON Semiconductor LC74735YW Datasheet HTML 7Page - ON Semiconductor LC74735YW Datasheet HTML 8Page - ON Semiconductor LC74735YW Datasheet HTML 9Page - ON Semiconductor LC74735YW Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VDD1
VDD1, VDD2
VSS – 0.3 to VSS + 4.6
V
VDD3
VDD3
VSS – 0.3 to VSS + 6.0
V
Input voltage
VIN
All input pins
VSS – 0.3 to VDD1 + 0.3
V
Output voltage
VOUT1
RD2 to 0, GD2 to 0, BD2 to 0, and BLK outputs
VSS – 0.3 to VDD1 + 0.3
V
VOUT2
A0 to A17, CE, OE outputs
VSS – 0.3 to VDD1 + 0.3
V
Maximum power dissipation
Pdmax
230
mW
Operating temperature
Topg
–30 to +70
°C
Storage temperature
Tstg
–40 to +125
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C
No. 7545-6/52
LC74735YW
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD1
VDD1, VDD2
3.0
3.3
3.6
V
VDD3
VDD3
3.0
3.3
5.5
V
VIH1
CTRL1, TEST1, TEST2
0.7 VDD1
5.5
V
Input high-level voltage
VIH2
SCLK, SIN, CS, VSYNC, HSYNC, RST
0.8 VDD1
5.5
V
VIH3
D0 to D11
0.7 VDD1
5.5
V
VIL1
CTRL1, TEST1, TEST2
VSS – 0.3
0.3 VDD1
V
Input low-level voltage
VIL2
SCLK, SIN, CS, VSYNC, HSYNC, RST
VSS – 0.3
0.2 VDD1
V
VIL3
D0 to D11
VSS – 0.3
0.3 VDD1
V
Oscillator frequency
FOSC1
OSCin and OSCout oscillator pins (LC oscillator)
10
MHz
External clock input
FOSC2
OSCin, VDD1 = 3.3 V
33
40
MHz
VIN1
VDD1 = 3.3 V, CTRL1 = high
0.5
3.3
Vp-p
Vrefda
Reference voltage
1.1
V
D/A converter (3 bit, 3 ch)
Rfda
Output load resistance ROUT, GOUT, and BOUT
120
225
When maximum output voltage =
Rfbda
Output load resistance OUTR
40
75
0.7 V
Rref
Reference load resistance, RREF
1232
2310
Recommended Operating Conditions


Similar Part No. - LC74735YW

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74735NW SANYO-LC74735NW Datasheet
295Kb / 52P
   On-Screen Display Controller
More results

Similar Description - LC74735YW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC5490A ONSEMI-2SC5490A Datasheet
478Kb / 7P
   Mini Buck Converter for RF Power Amplifiers
August, 2013
NMF3506 ONSEMI-NMF3506 Datasheet
48Kb / 6P
   Mini Buck Converter for RF Power Amplifiers
March, 2004 ??Rev. P0
NL17SZYYXV5T2 ONSEMI-NL17SZYYXV5T2 Datasheet
95Kb / 4P
   Mini Buck Converter for RF Power Amplifiers
November, 2002 ??Rev. 2
STK984-190-E ONSEMI-STK984-190-E Datasheet
576Kb / 9P
   Mini Buck Converter for RF Power Amplifiers
October 2015 - Rev. P0
NCP81039 ONSEMI-NCP81039 Datasheet
183Kb / 11P
   Mini Buck Converter for RF Power Amplifiers
November, 2011 ??Rev. P0
SB20-03P ONSEMI-SB20-03P Datasheet
317Kb / 6P
   Mini Buck Converter for RF Power Amplifiers
September, 2013
NCP6360 ONSEMI-NCP6360 Datasheet
1Mb / 17P
   Mini Buck Converter for RF Power Amplifiers
February, 2014 - Rev. 2
NCP6361 ONSEMI-NCP6361 Datasheet
1Mb / 20P
   Buck Converter with Bypass Mode for RF Power Amplifiers
April, 2014 ??Rev. 5
logo
ETA SOLUTIONS CO. LIMIT...
ETA3411 ETA-ETA3411 Datasheet
217Kb / 1P
   3MHz, Output Adjustable, 2A Synchronous Buck Converter for RF Power Amplifiers
logo
Texas Instruments
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com