Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC898113-TBM-H Datasheet(PDF) 5 Page - ON Semiconductor

Part # LC898113-TBM-H
Description  Optical Image Stabilization / Controller & Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC898113-TBM-H Datasheet(HTML) 5 Page - ON Semiconductor

  LC898113-TBM-H Datasheet HTML 1Page - ON Semiconductor LC898113-TBM-H Datasheet HTML 2Page - ON Semiconductor LC898113-TBM-H Datasheet HTML 3Page - ON Semiconductor LC898113-TBM-H Datasheet HTML 4Page - ON Semiconductor LC898113-TBM-H Datasheet HTML 5Page - ON Semiconductor LC898113-TBM-H Datasheet HTML 6Page - ON Semiconductor LC898113-TBM-H Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LC898113
www.onsemi.com
5
Pin Description
TYPE
I
INPUT
P
Power, GND
NC
NOT CONNECT
O
OUTPUT
B (I)
BIDIRECTION : INPUT at reset
B (O)
BIDIRECTION : OUTPUT at reset
Logic LSI
SPI/I2C interface (Slave)
SSB/I2CSA
I
SPI chip select/
I2C slave address select (L: 0100100, H: 0100101, Please make sure to connect
the pin to L level or H level.)
SCLK/I2CCK
B (I)
SPI clock/I2C clock
MOSI/I2CDT
B (I)
SPI received data/I2C data
MISO/IOP5/MOND
B (O)
SPI transmit data/Monitor pin
Sensor output signal input for reference point detection
PIX
B(I)
PIY
B(I)
Digital gyro interface
DGSSB
O
Digital gyro I/F chip select
DGSCLK
O
Digital gyro I/F transfer clock
DGMOSI
O
Digital gyro I/F transmit data
DGMISO
I
Digital gyro I/F received data
DGINT/IOP2/MONC
B (I)
Digital gyro I/F timing signal/General-purpose port/Monitor pin
PIO interface
IOP0/MONA
B (I)
General-purpose port/Monitor pin
IOP1/MONB
B (I)
General-purpose port/Monitor pin
BUSY flag
BUSY1/IOP4/MONC
B (O)
BUSY pin (RAM access BUSY signal when SPI I/F is selected)
BUSY2/IOP3/MOND
B (O)
BUSY pin (Stepping motor force movement busy, measurement busy etc.)
Clock, Reset pin
XTALCK
I
Oscillation amplifier input (recommended drive frequency : 24MHz,
permission drive frequency : 15MHz to 36MHz)
XTAL
O
Oscillation amplifier output
CLKIN
I
Clock input (Refer to XTALCK description about both recommended and
permission drive frequency)
ZRESET
I
Power-on reset
Mode select pin
MODE0
I
Interface select : L
SPI, HI2C
MODE1
I
Clock select : L
XTALCK/XTAL use, HCLKIN use
Test pin
TEST
I
For test mode setting (fixed to L for normal operation)
Power supply pin
DVDD33
P
3.3V digital power supply
DVDD18
P
1.8V digital power supply
DVSS
P
Digital ground


Similar Part No. - LC898113-TBM-H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC898113 SANYO-LC898113 Datasheet
161Kb / 7P
   OIS Controller & Driver
More results

Similar Description - LC898113-TBM-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC898121XA ONSEMI-LC898121XA Datasheet
111Kb / 6P
   Optical Image Stabilization / Controller & Driver
April 2015 - Rev. 2
LC898119XC ONSEMI-LC898119XC Datasheet
63Kb / 5P
   Optical Image Stabilization / Controller & Driver
March 2015 - Rev. 1
LC898111AXB ONSEMI-LC898111AXB_15 Datasheet
121Kb / 6P
   Optical Image Stabilization (OIS) Controller & Driver
April 2015 - Rev. 1
LC898122XA ONSEMI-LC898122XA Datasheet
113Kb / 7P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898123AXD ONSEMI-LC898123AXD Datasheet
217Kb / 12P
   Optical Image Stabilization / Auto Focus Controller & Driver
November 2015 - Rev. 1
LC898123F40XC ONSEMI-LC898123F40XC_17 Datasheet
321Kb / 11P
   Optical Image Stabilization Auto Focus Controller & Driver
March 2017 - Rev. 3
LC898122AXA ONSEMI-LC898122AXA Datasheet
262Kb / 12P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898123F40XC ONSEMI-LC898123F40XC_16 Datasheet
319Kb / 11P
   Optical Image Stabilization (OIS) / Auto Focus (AF) Controller & Driver
August 2016 - Rev. 1
LC898124EP1XC ONSEMI-LC898124EP1XC Datasheet
274Kb / 10P
   Optical Image Stabilization (OIS) / Open-Auto Focus (AF) Controller & Driver
July 2016 - Rev. P1
LC898124EP3XC ONSEMI-LC898124EP3XC Datasheet
160Kb / 9P
   Optical Image Stabilization Controller & Driver integrating an on-chip 32-bit DSP
November, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com